Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-43128 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # DEMO-MGA-43128
Description  High Linearity (700-800) MHz Wireless Data Power Amplifi er
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-43128 Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button DEMO-MGA-43128 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-43128 Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Figure 31. Over-temperature EVM vs Output Power at 706 MHz
Figure 32. Over-temperature Idd_total vs Output Power at 706 MHz
Figure 33. Over-temperature Vdet vs Output Power at 706 MHz
Figure 34. Over-temperature CW Gain vs Output Power at 706 MHz
Figure 35. Over-temperature EVM vs Output Power at 716 MHz
Figure 36. Over-temperature Idd_total vs Output Power at 716 MHz
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
12
14
16
18
20
22
24
26
28
30
Pout (dBm)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
Pout (dBm)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
12
14
16
18
20
22
24
26
28
30
Pout (dBm)
25
26
27
28
29
30
31
32
33
8
10 121416 1820 222426 283032 3436
Pout (dBm)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
12
14
16
18
20
22
24
26
28
30
Pout (dBm)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
10
12
14
16
18
20
22
24
26
28
30
Pout (dBm)
25° C
-40° C
85° C
25° C
-40° C
85° C
25° C
-40° C
85° C


Similar Part No. - DEMO-MGA-43128

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
More results

Similar Description - DEMO-MGA-43128

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-43X28 BOARDCOM-DEMO-MGA-43X28 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43128 AVAGO-MGA-43128 Datasheet
477Kb / 24P
   High Linearity (700-800) MHz Wireless Data Power Amplifi er
logo
Broadcom Corporation.
MGA-43228 BOARDCOM-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328_15 Datasheet
379Kb / 19P
   (2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-43228 AVAGO-MGA-43228 Datasheet
380Kb / 19P
   2.3??.5 GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
Broadcom Corporation.
MGA-43328 BOARDCOM-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7) GHz 29dBm High Linearity Wireless Data Power Amplifi er
DEMO-MGA-43228 BOARDCOM-DEMO-MGA-43228 Datasheet
380Kb / 19P
   (2.3??.5) GHz 29dBm High Linearity Wireless Data Power Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43328 AVAGO-MGA-43328 Datasheet
379Kb / 19P
   2.5??.7 GHz 29dBm High Linearity Wireless Data Power Amplifi er
MGA-30216 AVAGO-MGA-30216_15 Datasheet
217Kb / 14P
   0.5Watt High Linearity Amplifi er
MGA-30316 AVAGO-MGA-30316_15 Datasheet
218Kb / 12P
   0.5Watt High Linearity Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com