Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-31589 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # DEMO-MGA-31589
Description  0.5 W High Gain Driver Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-31589 Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button DEMO-MGA-31589 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-31589 Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
MGA-31589 Application Circuit Data for 900 MHz (continued)
Figure 23. Over Temperature Noise Figure vs Frequency
Figure 24. Over Temperature OIP3 vs Pout at 900 MHz
Figure 25. Over Temperature ACLR vs Pout at 900 MHz
Figure 26. Over Temperature K-factor vs Frequency
0
0.5
1
1.5
2
2.5
3
800
850
900
950
1000
Frequency (MHz)
39
40
41
42
43
44
45
46
47
48
49
8
9
10 11 12 13 14 15 16 17 18 19 20
Pout / Tone (dBm)
0
1
2
3
4
5
0
5
10
15
20
Frequency (GHz)
-74
-72
-70
-68
-66
-64
-62
-60
-58
-56
-54
-52
-50
-48
-46
-44
10.0 11.0 12.0 13.0 14.0 15.0 16.0 17.0 18.0 19.0
Pout (dBm)
25° C
85° C
-40° C
900 MHz @ 85° C
900 MHz @ 25° C
900 MHz @ -40° C
W-CDMA 3GPP
Test Model 1+64 DPCH, 3.84 MHz BW
25° C
85° C
-40° C
25° C
85° C
-40° C


Similar Part No. - DEMO-MGA-31589

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-31X16 BOARDCOM-DEMO-MGA-31X16 Datasheet
637Kb / 19P
   0.1 W High Linearity Driver Amplifier
More results

Similar Description - DEMO-MGA-31589

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31589 AVAGO-MGA-31589_15 Datasheet
469Kb / 13P
   0.5 W High Gain Driver Amplifier
MGA-31589 AVAGO-MGA-31589 Datasheet
458Kb / 13P
   0.5 W High Gain Driver Amplifier
logo
Broadcom Corporation.
MGA-31589 BOARDCOM-MGA-31589 Datasheet
469Kb / 13P
   0.5 W High Gain Driver Amplifier
MGA-31689 BOARDCOM-MGA-31689 Datasheet
470Kb / 13P
   0.5 W High Gain Driver Amplifier
logo
Qorvo, Inc
QPA9121 QORVO-QPA9121 Datasheet
1Mb / 12P
   High Gain, 0.5 W Driver Amplifier
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31689 AVAGO-MGA-31689_15 Datasheet
470Kb / 13P
   0.5 W High Gain Driver Amplifier
MGA-31689 AVAGO-MGA-31689 Datasheet
466Kb / 13P
   0.5 W High Gain Driver Amplifier
logo
Qorvo, Inc
QPA9122 QORVO-QPA9122 Datasheet
990Kb / 12P
   2.3 ??5.0 GHz 0.5 W Driver Amplifier
May 14, 2020
logo
RF Micro Devices
RF2681 RFMD-RF2681 Datasheet
157Kb / 8P
   W-CDMA LINEAR VARIABLE GAIN DRIVER AMPLIFIER
logo
AVAGO TECHNOLOGIES LIMI...
MGA-31289 AVAGO-MGA-31289 Datasheet
554Kb / 13P
   0.25W High Gain Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com