Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-24106 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # DEMO-MGA-24106
Description  High-Gain, Low Current Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-24106 Datasheet(HTML) 3 Page - Broadcom Corporation.

  DEMO-MGA-24106 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-24106 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Electrical Specifications
TA = 25°C, DC bias for RF parameters is as specified below. Freq=1.575GHz – Typical Performance[1]
Table 1a. Performance table under nominal operating conditions (Vdd = Vsd=1.8V, Idd = 3.3mA, R2 = 4.7 kOhm)
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
16.8
NF
Noise Figure
dB
1.0
IP1dB
Input 1dB Compressed Power
dBm
-13.5
IIP3[2]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
-2.4
S11
Input Return Loss
dB
-8.5
S22
Output Return Loss
dB
-12.0
S12
Reverse Isolation
dB
-23.5
Idd
Supply DC current at Vdd pin
mA
3.3
Isd
Supply DC Current at Vsd pin
mA
0.17
Ileak
Shutdown Current @ Vsd = 0V
uA
0.8
Table 1b. Performance table under nominal operating conditions (Vdd = Vsd =2.7V, Idd = 3.3mA, R2 = 27 kOhm)
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
16.2
17.9
20.5
NF
Noise Figure
dB
0.97
1.3
IP1dB
Input 1dB Compressed Power
dBm
-9.7
IIP3[2]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
-2.0
S11
Input Return Loss
dB
-9.3
S22
Output Return Loss
dB
-13.0
S12
Reverse Isolation
dB
-24.0
Idd
Supply DC current at Vdd pin
mA
3.3
4.5
Isd
Supply DC Current at Vsd pin
mA
0.08
Ileak
Shutdown Current @ Vsd = 0V
uA
0.8
Table 1c. Performance table under nominal operating conditions (Vdd = Vsd =3.3V, Idd = 6.0mA, R2 = 11 kOhm)
Symbol
Parameter and Test Condition
Units
Min.
Typ
Max.
G
Gain
dB
19.6
NF
Noise Figure
dB
0.87
IP1dB
Input 1dB Compressed Power
dBm
-8.7
IIP3[2]
Input 3rd Order Intercept Point (2-tone @ Fc +/- 2.5MHz)
dBm
0
S11
Input Return Loss
dB
-9.5
S22
Output Return Loss
dB
-20
S12
Reverse Isolation
dB
-26
Idd
Supply DC current at Vdd pin
mA
6.0
Isd
Supply DC Current at Vsd pin
mA
0.13
Ileak
Shutdown Current @ Vsd = 0V
uA
0.8
Notes:
1. Measurements at 1.575GHz obtained using demo board described in Figures 4 and 5.
2. 1.575GHz IIP3 test condition: FRF1 = 1572.5 MHz, FRF2 = 1577.5 MHz with input power of -30dBm per tone measured at the worst case side band


Similar Part No. - DEMO-MGA-24106

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-231T6 BOARDCOM-DEMO-MGA-231T6 Datasheet
204Kb / 15P
   High-Gain GPS LNA with Variable Current and Shutdown Function
DEMO-MGA-2XX03 BOARDCOM-DEMO-MGA-2XX03 Datasheet
206Kb / 16P
   2.3-2.7 GHz 3x3mm WiMAX and WiFi Power Amplifi er
More results

Similar Description - DEMO-MGA-24106

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-24106 BOARDCOM-MGA-24106 Datasheet
975Kb / 19P
   High-Gain, Low Current Low Noise Amplifier
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
   High Gain, Low Noise Amplifier
May 2012
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
   High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
   High Gain, Low Noise Amplifier
April 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
   High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
   High Gain, Low Noise Amplifier
February 2017
ASL51S9 ASB-ASL51S9 Datasheet
426Kb / 8P
   High Gain, Low Noise Amplifier
June 2014
AST163 ASB-AST163_17 Datasheet
679Kb / 9P
   High Gain, Low Noise Amplifier
February 2017
AST20S ASB-AST20S_17 Datasheet
3Mb / 41P
   High Gain, Low Noise Amplifier
February 2017
ASL5463 ASB-ASL5463_17 Datasheet
522Kb / 12P
   High Gain, Low Noise Amplifier
August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com