Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA8656-3 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # DEMO-MGA8656-3
Description  GaAs MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA8656-3 Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-MGA8656-3 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA8656-3 Datasheet HTML 8Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
Avago’s MGA-86563 is an economical, easy-to-use GaAs
MMIC amplifier that offers low noise figure and excel-
lent gain for applications from 0.5 to 6 GHz. Packaged in
an ultra-miniature SOT-363 package, it requires half the
board space of the SOT-143.
The MGA-86563 may be used without impedance match-
ing as a high performance 2 dB NF gain block. Alterna-
tively, with the addition of a simple shunt-series inductor
at the input, the device noise figure can be reduced to
1.6  dB at 2.4 GHz. For 1.5 GHz applications and above,
the output is well matched to 50 Ω. Below 1.5 GHz, gain
can be increased by using conjugate matching.
The circuit uses state-of-the-art PHEMT technology with
self-biasing current sources, a source-follower interstage,
resistive feedback, and on-chip impedance matching
networks. A patented, on-chip active bias circuit allows
operation from a single +5 V power supply. Current
consumption is only 14 mA, making this part suitable for
battery powered applications.
MGA-86563
0.5 – 6 GHz Low Noise
GaAs MMIC Amplifier
Data Sheet
Features
x Lead-free Option Available
x Ultra-Miniature Package
x Internally Biased, Single +5V Supply (14 mA)
x 1.6 dB Noise Figure at 2.4GHz
x 21.8 dB Gain at 2.4 GHz
x +3.1 dBm P
1dB
at 2.4 GHz
Applications
x LNA or Gain Stage for ISM, PCS, MMDS, GPS, TVRO, and
Other C band Applications
Surface Mount Package
SOT-363 (SC-70)
Pin Connections and Package Marking
Equivalent Circuit
Note:
Package marking provides orientation and identification.
"86" = Device Code
"x" = Date code character identifies month of manufacture
OUTPUT
and Vd
GND
GND
GND
INPUT
GND
1
6
2
5
3
4
RF
NPUT
RF OUTPUT
AND Vd
GROUND
2, 3, 5, 6
4
1
Attention: Observe precautions for
handling electrostatic sensitive devices.
ESD Human Body Model (Class 0)
Refer to Avago Application Note A004R:
Electrostatic Discharge Damage and Control.


Similar Part No. - DEMO-MGA8656-3

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
More results

Similar Description - DEMO-MGA8656-3

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM-9-BD MIMIX-CMM-9-BD Datasheet
380Kb / 5P
   GaAs MMIC Amplifier
logo
Broadcom Corporation.
DEMO-MGA8657-6 BOARDCOM-DEMO-MGA8657-6 Datasheet
150Kb / 6P
   GaAs MMIC Amplifier
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100_15 Datasheet
792Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1 Datasheet
104Kb / 3P
   GaAs MMIC Power Amplifier
logo
New Japan Radio
NJG1307R NJRC-NJG1307R Datasheet
657Kb / 14P
   DRIVER AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
XU1006-BD MA-COM-XU1006-BD_15 Datasheet
1Mb / 1P
   GaAs MMIC Power Amplifier
MAAM26100-P1 MA-COM-MAAM26100-P1_15 Datasheet
586Kb / 4P
   GaAs MMIC Power Amplifier
MAAM26100-B1 MA-COM-MAAM26100-B1_15 Datasheet
553Kb / 3P
   GaAs MMIC Power Amplifier
MAAM71100_V6 MA-COM-MAAM71100_V6 Datasheet
224Kb / 3P
   GaAs MMIC Power Amplifier
MAAM26100-B1_V7 MA-COM-MAAM26100-B1_V7 Datasheet
90Kb / 2P
   GaAs MMIC Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com