Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-685T6 Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # DEMO-MGA-685T6
Description  Current-Adjustable, Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-685T6 Datasheet(HTML) 1 Page - Broadcom Corporation.

  DEMO-MGA-685T6 Datasheet HTML 1Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 2Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 3Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 4Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 5Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 6Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-685T6 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MGA-685T6
Current-Adjustable, Low Noise Amplifier
Data Sheet
Features
• Single +3V supply
• High Linearity
• Low Noise figure
• Miniature Surface Mount 2.0x1.3x0.4 mm3 6-lead
UTSLP
Specifications at 500 MHz; 3V 10 mA (Typ.)
• 0.93 dB Noise Figure
• 18.7 dBm OIP3
• 18.9 dB Gain
• 17.3 dBm P1dB
Applications
LNA for DVB-T, DVB-H, T-DMB, ISDB-T, DAB and MediaFLO
Description
The MGA-685T6 is an easy–to–use GaAs MMIC amplifier
that offer excellent linearity and low noise figure for ap-
plication from 0.1 to 1.5 GHz. The device is housed in
Ultra Thin Small Leadless Package (UTSLP) with 0.4mm
package thickness.
One external resistor is used to set the bias current from
5 mA to 30 mA. This allows the designer to use the same
part in several circuit positions and tailor the linearity
performance (and current consumption) to suit each
position.
The output of the amplifier is matched to 50Ω (below
2:1 VSWR) across the entire bandwidth and only requires
minimum input matching. The amplifier allows a wide
dynamic range by offering a 0.93 dB NF coupled with a
+18.7 dBm Output IP3. The circuit uses state-of-the art E-
pHEMT technology with proven reliability.
Package Marking & Orientation
68YM
68 = Device Code
Y = Year of manufacture
M = Month of manufacture
Top View
Bottom View
Pin 2 : RF_IN
Pin 3 : NC
Pin 4 : NC
Pin 5 : RF_Out
and Vd
Pin 6 : Bias
68YM
Pin 1 : NC


Similar Part No. - DEMO-MGA-685T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-68XP8 BOARDCOM-DEMO-MGA-68XP8 Datasheet
143Kb / 11P
   Low Noise And High Linearity Active Bias Low Noise Amplifi er
More results

Similar Description - DEMO-MGA-685T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-685T6 AVAGO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
   Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
M/A-COM Technology Solu...
MAAL-010704 MA-COM-MAAL-010704 Datasheet
507Kb / 14P
   Low Noise Amplifier Adjustable Current with an External Resistor
logo
AVAGO TECHNOLOGIES LIMI...
MGA-61563 AVAGO-MGA-61563_15 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
logo
Broadcom Corporation.
MGA-61563 BOARDCOM-MGA-61563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
DEMO-MGA-6X563 BOARDCOM-DEMO-MGA-6X563 Datasheet
150Kb / 19P
   Current-Adjustable, Low Noise Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com