Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DEMO-MGA-645T6 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # DEMO-MGA-645T6
Description  Low Noise Amplifier with Bypass/Shutdown Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

DEMO-MGA-645T6 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button DEMO-MGA-645T6 Datasheet HTML 7Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 8Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 9Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 10Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 11Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 12Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 13Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 14Page - Broadcom Corporation. DEMO-MGA-645T6 Datasheet HTML 15Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MGA-645T6 LNA Mode typical noise parameters at 25 °C, Vdd = 3V ; Id = 7mA
Freq.(GHz)
Fmin (dB)
*opt Mag
*opt Ang
Rn/50
2
0.55
0.76
67.8
0.23
2.1
0.57
0.76
71.04
0.22
2.2
0.59
0.75
74.29
0.21
2.3
0.62
0.75
77.54
0.21
2.4
0.72
0.69
79.72
0.2
2.5
0.75
0.68
82.9
0.2
2.6
0.78
0.67
86.08
0.2
2.7
0.8
0.66
89.11
0.19
2.8
0.83
0.65
92.14
0.18
2.9
0.85
0.63
95.17
0.18
3
0.88
0.62
98.2
0.17
3.1
0.91
0.61
100.88
0.16
3.2
0.95
0.6
103.56
0.16
3.3
0.98
0.59
106.24
0.15
3.4
1.02
0.58
108.92
0.14
3.5
1.06
0.57
111.6
0.14
3.6
1.09
0.56
114.08
0.13
3.7
1.12
0.56
116.56
0.13
3.8
1.15
0.55
119.04
0.12
3.9
1.18
0.55
121.52
0.12
4
1.21
0.54
124
0.11


Similar Part No. - DEMO-MGA-645T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
DEMO-MGA-665P8A BOARDCOM-DEMO-MGA-665P8A Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
DEMO-MGA-665P8B BOARDCOM-DEMO-MGA-665P8B Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT
DEMO-MGA-675T6 BOARDCOM-DEMO-MGA-675T6 Datasheet
206Kb / 16P
   Low Noise Amplifi er with Shutdown Mode
More results

Similar Description - DEMO-MGA-645T6

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-645T6 BOARDCOM-MGA-645T6 Datasheet
291Kb / 16P
   Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
logo
Skyworks Solutions Inc.
RFX8055 SKYWORKS-RFX8055 Datasheet
401Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
Broadcom Corporation.
DEMO-MGA-655T6 BOARDCOM-DEMO-MGA-655T6 Datasheet
239Kb / 14P
   Low Noise Amplifier with Bypass Mode
logo
Skyworks Solutions Inc.
RFX8053 SKYWORKS-RFX8053 Datasheet
556Kb / 6P
   Low Noise Amplifier with Bypass Mode
logo
AVAGO TECHNOLOGIES LIMI...
MGA-645T6-TR1G AVAGO-MGA-645T6-TR1G Datasheet
291Kb / 16P
   MGA-645T6 Low Noise Amplifier with Bypass/Shutdown Mode in Low Profile Package
logo
Skyworks Solutions Inc.
RFX5000B SKYWORKS-RFX5000B Datasheet
638Kb / 7P
   Low Noise Amplifier with Bypass
logo
Broadcom Corporation.
MGA-655T6 BOARDCOM-MGA-655T6 Datasheet
206Kb / 14P
   Low Noise Amplifier with Bypass Mode in Low Profile Package
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com