Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG2302 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG2302
Description  High-Speed, Low rON, SPST Analog Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2302 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG2302 Datasheet HTML 1Page - Vishay Siliconix DG2302 Datasheet HTML 2Page - Vishay Siliconix DG2302 Datasheet HTML 3Page - Vishay Siliconix DG2302 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DG2302
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 72072
s-03421—Rev. A, 03-Mar-03
ABSOLUTE MAXIMUM RATINGS
Reference to GND
V+
-0.3 to +6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
OE, A, Ba
-0.3 to (V+ + 0.3 V)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous Current (Any terminal)
"50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Current
"200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(Pulsed at 1 ms, 10% duty cycle)
Storage Temperature (D Suffix)
-65 to 150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Packages)b
5-Pin SC70c
250 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on A, or B or OE exceeding V+ will be clamped by internal
diodes. Limit forward diode current to maximum current ratings.
b.
All leads welded or soldered to PC Board.
c.
Derate 3.1 mW/
_C above 70_C
SPECIFICATIONS (V+ = 5.0 V)
Test Conditions
Otherwise Unless Specified
Limits
- 40 to 85
_C
Parameter
Symbol
V+ = 5 V,
"10%, VIN = 0.8 or 2.0 Ve
Tempa
Minb
Typc
Maxb
Unit
DC Characteristics
V+ = 4.5 V, VA = 0 V, IB = 64 mA
Full
7
On-Resistance
rON
V+ = 4.5 V, VA = 0 V, IB = 30 mA
Full
7
W
ON
V+ = 4.5 V, VA = 2.4 V, IB = 15 mA
Full
50
Switch Off Leakage Current
I(off)
V+ = 5.5 V, VA = 1 V/4.5 V, VB = 4.5 V/1 V
Full
-10
10
mA
Switchl-On Leakage Current
I(on)
V+ = 5.5 V, VA = VB = 1 V/4.5 V
Full
-10
10
mA
Input High Voltage
VIH
Full
2.0
V
Input Low Voltage
VIL
Full
0.8
V
Input Current
IIL or IIH
VOE = 0 or V+
Full
-1
1
mA
Dynamic Characteristics
Prop Delay Bus to Busf
tPHL
VLD = Open (Figure 1 and 2)
Full
1
Prop Delay Bus-to-Busf
tPLH
VLD = Open (Figure 1 and 2)
Full
1
Output Enable Timed
tPZL
VLD = 7 V, V+ = 4.5 V to 5.5 V (Figure 1 and 2)
Full
5.0
ns
Output Enable Timed
tPZH
VLD = Open, V+ = 4.5 V to 5.5 V (Figure 1 and 2)
Full
5.0
ns
Output Disable Timed
tPLZ
VLD = 7 V, V+ = 4.5 V to 5.5 V (Figure 1 and 2)
Full
3.9
Output Disable Timed
tPHZ
VLD = Open, V+ = 4.5 V to 5.5 V (Figure 1 and 2)
Full
1.0
Input Capacitance
Cin
Room
3.5
Channel-Off Capacitanced
C(off)
VOE = 0 or V+ f = 1 MHz
Room
5
pF
Channel-On Capacitanced
CON
VOE = 0 or V+, f = 1 MHz
Room
11
p
Power Supply
Power Supply Range
V+
4.0
5.5
V
Power Supply Current
I+
VOE = 0
0.9
1.5
mA
Power Supply Current
I+
VOE = V+
1.0
mA
Notes:
a.
Room = 25
°C, Full = as determined by the operating suffix.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
c.
Typical values are for design aid only, not guaranteed nor subject to production testing.
d.
Guarantee by design, nor subjected to production test.
e.
VIN = input voltage to perform proper function.
f.
Guaranteed by design and not production tested. The bus switch propagation delay is a function of the RC time constant contributed by the on-resistance and
the specified load capacitance with an ideal voltage source (zero output impedance) driving the switch.


Similar Part No. - DG2302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2302 VISHAY-DG2302 Datasheet
82Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch with Level-Shifter)
Rev. B, 30-Apr-07
DG2302DL-T1 VISHAY-DG2302DL-T1 Datasheet
82Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch with Level-Shifter)
Rev. B, 30-Apr-07
DG2302DL-T1-E3 VISHAY-DG2302DL-T1-E3 Datasheet
82Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch with Level-Shifter)
Rev. B, 30-Apr-07
DG2302 VISHAY-DG2302_08 Datasheet
82Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch with Level-Shifter)
Rev. B, 30-Apr-07
More results

Similar Description - DG2302

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ6115 AOSMD-AOZ6115 Datasheet
541Kb / 11P
   High Performance, Low RON, SPST Analog Switch
logo
Vishay Siliconix
DG2301 VISHAY-DG2301_08 Datasheet
84Kb / 5P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. B, 30-Apr-07
DG2301 VISHAY-DG2301 Datasheet
29Kb / 4P
   High-Speed, Low rON, SPST Analog Switch (1-Bit Bus Switch)
Rev. A, 03-Mar-03
logo
Fairchild Semiconductor
FSA1156 FAIRCHILD-FSA1156_05 Datasheet
455Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156 Datasheet
486Kb / 11P
   Low RON Low Voltage SPST Analog Switch
FSA1156 FAIRCHILD-FSA1156_08 Datasheet
776Kb / 11P
   Low-RON Low-Voltage SPST Analog Switch
logo
Vishay Siliconix
DG2041 VISHAY-DG2041 Datasheet
83Kb / 9P
   Low-Voltage, Low rON Quad SPST Analog Switch
Rev. A, 20-Jan-03
DG2307 VISHAY-DG2307 Datasheet
105Kb / 7P
   High-Speed, Low rON, SPDT Analog Switch
Rev. B, 30-Apr-07
DG3157 VISHAY-DG3157_09 Datasheet
126Kb / 8P
   High-Speed, Low RON, SPDT Analog Switch
Rev. D, 23-Feb-09
DG2041 VISHAY-DG2041_11 Datasheet
230Kb / 14P
   Low-Voltage, Low RON Quad SPST Analog Switch
Rev. B, 13-Jun-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com