Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843034EYI-06LFT Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 843034EYI-06LFT
Description  FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843034EYI-06LFT Datasheet(HTML) 5 Page - Integrated Device Technology

  843034EYI-06LFT Datasheet HTML 1Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 2Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 3Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 4Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 5Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 6Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 7Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 8Page - Integrated Device Technology 843034EYI-06LFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
843034I-06 REVISION B 8/20/15
5
©2015 Integrated Device Technology, Inc.
ICS43034I-06 Data Sheet
FEMTOCLOCK™ MULTI-RATE 3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 3. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
REF_OUT
5
7
12
Ω
TABLE 2. PIN DESCRIPTIONS, CONTINUED
Number
Name
Type
Description
37
CLK
Input
Pulldown Non-inverting differential clock input.
38
nCLK
Input
Pullup/
Pulldown
Inverting differential clock input.V
CC
/2 default when left floating.
39
nP_LOAD
Input
Pulldown
Parallel load input. Determines when data present at M8:M0 is loaded into
M divider, and when data present at NA2:NA0 is loaded into the N output
dividers. LVCMOS/LVTTL interface levels.
40
VCO_SEL
Input
Pullup
Determines whether synthesizer is in PLL or bypass mode.
LVCMOS/LVTTL interface levels.
46
M5
Input
Pullup
M divider input. Data latched on LOW-to-HIGH transition of nP_LOAD input.
LVCMOS/LVTTL interface levels.
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 3, Pin Characteristics, for typical values.


Similar Part No. - 843034EYI-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034EY-06LF IDT-843034EY-06LF Datasheet
538Kb / 24P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
843034EY-06LFT IDT-843034EY-06LFT Datasheet
538Kb / 24P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
More results

Similar Description - 843034EYI-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843034-06 IDT-843034-06 Datasheet
538Kb / 24P
   FemtoClock??Multi-Rate 3.3V LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
843034I-06 RENESAS-843034I-06 Datasheet
983Kb / 26P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/20/15
843034-06 RENESAS-843034-06 Datasheet
739Kb / 25P
   FemtoClock™ Multi-Rate 3.3V LVPECL Frequency Synthesizer
8/17/15
ICS843034 RENESAS-ICS843034 Datasheet
954Kb / 31P
   FemtoClock® Multi-Rate 3.3V, 2.5V LVPECL Frequency Synthesizer
December 2, 2015
logo
Integrated Circuit Syst...
ICS843034 ICST-ICS843034 Datasheet
250Kb / 23P
   MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
843002 IDT-843002 Datasheet
379Kb / 17P
   Femtoclock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252-45 IDT-8430252-45 Datasheet
237Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843002-01 IDT-843002-01 Datasheet
289Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
8430252I-45 IDT-8430252I-45 Datasheet
295Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
843003I-01 IDT-843003I-01 Datasheet
233Kb / 17P
   FemtoClock Crystal-to-3.3V LVPECL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com