Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8302I-01 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. 8302I-01
Description  Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8302I-01 Datasheet(HTML) 6 Page - Integrated Device Technology

  8302I-01 Datasheet HTML 1Page - Integrated Device Technology 8302I-01 Datasheet HTML 2Page - Integrated Device Technology 8302I-01 Datasheet HTML 3Page - Integrated Device Technology 8302I-01 Datasheet HTML 4Page - Integrated Device Technology 8302I-01 Datasheet HTML 5Page - Integrated Device Technology 8302I-01 Datasheet HTML 6Page - Integrated Device Technology 8302I-01 Datasheet HTML 7Page - Integrated Device Technology 8302I-01 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TRANSISTOR COUNT
The transistor count for 8302I-01 is: 322
TABLE 5.
θ
JA
VS
. AIR FLOW TABLE FOR 8 LEAD SOIC
θJA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
153.3°C/W
128.5°C/W
115.5°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
112.7°C/W
103.3°C/W
97.1°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
RELIABILITY INFORMATION
6
©2017 Integrated Device Technology, Inc.
May 4, 2017
8302I-01 Datasheet


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn