Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8302I-01 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. 8302I-01
Description  Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8302I-01 Datasheet(HTML) 4 Page - Integrated Device Technology

  8302I-01 Datasheet HTML 1Page - Integrated Device Technology 8302I-01 Datasheet HTML 2Page - Integrated Device Technology 8302I-01 Datasheet HTML 3Page - Integrated Device Technology 8302I-01 Datasheet HTML 4Page - Integrated Device Technology 8302I-01 Datasheet HTML 5Page - Integrated Device Technology 8302I-01 Datasheet HTML 6Page - Integrated Device Technology 8302I-01 Datasheet HTML 7Page - Integrated Device Technology 8302I-01 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TABLE 4B. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 4A. AC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
= -40°C TO 85°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
1.8
2.7
ns
tsk(o)
Output Skew; NOTE 2, 4
165
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
800
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
300
800
ps
odc
Output Duty Cycle
ƒ
≤ 133MHz
45
55
%
133MHz < ƒ
≤ 250MHz
40
60
%
NOTE 1: Measured from V
DD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at V
DDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
f
MAX
Output Frequency
250
MHz
tp
LH
Propagation Delay, Low-to-High; NOTE 1
1.9
2.9
ns
tsk(o)
Output Skew; NOTE 2, 4
250
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
900
ps
t
R / tF
Output Rise/Fall Time
20% to 80%
100
850
ps
odc
Output Duty Cycle
ƒ
≤ 133MHz
45
55
%
133MHz < ƒ
≤ 250MHz
40
60
%
NOTE 1: Measured from V
DD/2 of the input to VDDO/2 of the output.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
Measured at V
DDO/2.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages
and with equal load conditions. Using the same type of inputs on each device, the outputs are measured
at V
DDO/2.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
4
©2017 Integrated Device Technology, Inc.
May 4, 2017
8302I-01 Datasheet


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn