Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

8302I-01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. 8302I-01
Description  Low Skew, 1-to-2 LVCMOS / LVTTL Fanout Buffer W/ Complementary Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8302I-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  8302I-01 Datasheet HTML 1Page - Integrated Device Technology 8302I-01 Datasheet HTML 2Page - Integrated Device Technology 8302I-01 Datasheet HTML 3Page - Integrated Device Technology 8302I-01 Datasheet HTML 4Page - Integrated Device Technology 8302I-01 Datasheet HTML 5Page - Integrated Device Technology 8302I-01 Datasheet HTML 6Page - Integrated Device Technology 8302I-01 Datasheet HTML 7Page - Integrated Device Technology 8302I-01 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Number
Name
Type
Description
1, 6
V
DDO
Power
Output supply pins.
2V
DD
Power
Power supply pin.
3
CLK
Input
Pulldown
LVCMOS / LVTTL clock input.
4,7
GND
Power
Power supply ground.
5
nQ
Output
Complementary clock output. LVCMOS / LVTTL interface levels.
8
Q
Output
Clock output. LVCMOS / LVTTL interface levels.
NOTE: Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
C
PD
Power Dissipation Capacitance
(per output)
V
DD, VDDO = 3.465V
22
pF
V
DD = 3.465V, VDDO = 2.625V
16
pF
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
R
OUT
Output Impedance
5
7
12
Ω
2
©2017 Integrated Device Technology, Inc.
May 4, 2017
8302I-01 Datasheet


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn