Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHPFL-1000 Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CHPFL-1000
Description  7th Order Butterworth Response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CHPFL-1000 Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CHPFL-1000 Datasheet HTML 1Page - CRYSTEK CORPORATION CHPFL-1000 Datasheet HTML 2Page - CRYSTEK CORPORATION CHPFL-1000 Datasheet HTML 3Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Rev E
FREQ
(MHz)
INSERTION LOSS
(dB)
Male Return Loss
(dB)
Female Return Loss
(dB)
100.84
106.89
98.75
93.17
102.59
106.75
86.87
84.46
77.84
76.57
76.06
74.02
72.55
69.63
67.13
63.09
59.82
59.53
60.03
59.87
58.84
53.95
47.57
40.87
35.71
24.12
12.88
5.39
3.20
0.91
0.47
0.49
0.36
0.23
0.62
0.49
0.49
0.55
0.3
15.3
30.3
45.3
60.3
75.3
90.3
105
120
135
150
165
180
195
210
225
240
255
270
285
300
330
405
450
510
585
705
810
900
1005
1245
1500
1755
1995
2250
2505
2745
3000
0.00
0.00
0.01
0.01
0.02
0.02
0.01
0.02
0.04
0.05
0.06
0.12
0.12
0.11
0.09
0.10
0.13
0.13
0.09
0.13
0.23
0.21
0.32
0.38
0.47
0.54
0.70
1.97
6.30
18.97
14.61
14.38
18.18
25.08
27.49
19.39
15.81
12.58
0.00
0.00
0.00
0.00
0.03
0.04
0.02
0.04
0.07
0.06
0.13
0.13
0.19
0.17
0.14
0.16
0.20
0.20
0.23
0.21
0.23
0.24
0.36
0.39
0.45
0.47
0.49
1.83
6.48
19.86
15.11
14.85
18.10
24.88
30.78
19.90
15.38
12.36
Product Control:
Crystek Part Number:
Revision Level:
CHPFL-1000
E
Release Date:
Responsible:
18-Aug-2015
K. Piotrowicz
Page 3 of 3


Similar Part No. - CHPFL-1000

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0010-BNC CRYSTEKMICROWAVE-CHPFL-0010-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0025-BNC CRYSTEKMICROWAVE-CHPFL-0025-BNC Datasheet
470Kb / 3P
   7th Order Chebyshev Response
CHPFL-0045-BNC CRYSTEKMICROWAVE-CHPFL-0045-BNC Datasheet
466Kb / 3P
   7th Order Chebyshev Response
CHPFL-0050-BNC CRYSTEKMICROWAVE-CHPFL-0050-BNC Datasheet
468Kb / 3P
   7th Order Chebyshev Response
CHPFL-0080-BNC CRYSTEKMICROWAVE-CHPFL-0080-BNC Datasheet
469Kb / 3P
   7th Order Chebyshev Response
More results

Similar Description - CHPFL-1000

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0100 CRYSTEKMICROWAVE-CHPFL-0100 Datasheet
194Kb / 3P
   7th Order Butterworth Response
CLPFL-0700 CRYSTEKMICROWAVE-CLPFL-0700 Datasheet
165Kb / 3P
   7th Order Butterworth Response
CLPFL-0900 CRYSTEKMICROWAVE-CLPFL-0900 Datasheet
171Kb / 3P
   7th Order Butterworth Response
CHPFL-0700 CRYSTEKMICROWAVE-CHPFL-0700 Datasheet
193Kb / 3P
   7th Order Butterworth Response
CLPFL-0600 CRYSTEKMICROWAVE-CLPFL-0600 Datasheet
160Kb / 3P
   7th Order Butterworth Response
CLPFL-2000 CRYSTEKMICROWAVE-CLPFL-2000 Datasheet
159Kb / 3P
   7th Order Butterworth Response
CHPFL-0500 CRYSTEKMICROWAVE-CHPFL-0500 Datasheet
194Kb / 3P
   7th Order Butterworth Response
CLPFL-2400 CRYSTEKMICROWAVE-CLPFL-2400 Datasheet
159Kb / 3P
   7th Order Butterworth Response
CHPFL-0300 CRYSTEKMICROWAVE-CHPFL-0300 Datasheet
194Kb / 3P
   7th Order Butterworth Response
CLPFL-1000 CRYSTEKMICROWAVE-CLPFL-1000 Datasheet
159Kb / 3P
   7th Order Butterworth Response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com