Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSEU60-300-1 Datasheet(PDF) 1 Page - Total Power International

Part # TPSEU60-300-1
Description  63W Enclosed Switching Power Supplies For I.T.E.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPSEU60-300-1 Datasheet(HTML) 1 Page - Total Power International

  TPSEU60-300-1 Datasheet HTML 1Page - Total Power International TPSEU60-300-1 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TPSEU60 SERIES
63W Enclosed Switching Power Supplies For I.T.E.
Sym.
Parameter
Test Conditions
Min.
Typ. Max.
Unit
Vin
Input Voltage
Operating Voltage
90
264
VAC
fin
Input Frequency
47
63
Hz
Po
Output Power Range
Vin=90 to 264VAC
0
63
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Irl
Low Line Inrush Current
Io=Full load, 25
c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
7
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Time of Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Peak to Peak)
Full Load, Vin=90VAC
0.5
1
%
Ilk
Safety Ground Leakage Current
Io=Full Load, Vin=240VAC
0.4
0.75
mA
TC
Temperature Coefficient
All output
-0.04
0.04
%/
c
Description:
The TPSEU60 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous
output power .They are suited for use in based systems, portable
equipments and many other applications. All models meet FCC
Part-15 class B and CISPR-22 class B emission Limits and are
designed to comply with UL/c-UL(UL 60950-1), Intertek-GS(EN
60950-1) and new CE requirements. All units are 100% burned in
and tested.
Features:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3051
and Molex 2478 series crimp terminal
Output connector mates with Molex housing 09-50-3061
(or 09-50-3081) and Molex 2478 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Over Voltage Protection (Crowbar Design)
Class I
2 year warranty
Electrical Characteristics:
Safety Approvals :
S&E
*
* Note: The Ripple & Noise which is under 3.3VCD at 2% max
Environmental :
Sym.
Parameter
T e s t Conditions
Min. Typ. Max.
Unit
Toper
Operating
Temperature
0
70
C
Tstg
Storage
Temperature
-40
85
C
Hr
Relative Humidity
5
95
%
MTBF
Operating Temperature at 25 C
, Calculated per MIL-HDBK-217F
0.1M
Hrs
Pd
Derate linearly from 100% load at 25 C to 50% load at 70 C
Safety Specifications:
Sym.
Parameter
T e s t Conditions
Min. Typ. Max.
Unit
Vps
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Vpg
Dielectric Withstanding Voltage
for Primary to Ground
Primary to ground
2121
VDC
Ris
Isolation Resistance
Test Voltage=500VDC
50
M
CISPR
EMI requirements for CISPR-22
Vin=220VAC
B
CLASS
FCC
EMI requirements for FCC PART-15
Vin=110VAC
B
CLASS
__________________________________________________________________________
___________________________________________________________________________
_____


Similar Part No. - TPSEU60-300-1

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TPSE106*035#0200 AVX-TPSE106*035#0200 Datasheet
199Kb / 16P
   Low ESR
TPSE106*050#0250 AVX-TPSE106*050#0250 Datasheet
199Kb / 16P
   Low ESR
TPSE106*050#0300 AVX-TPSE106*050#0300 Datasheet
199Kb / 16P
   Low ESR
TPSE106*050#0400 AVX-TPSE106*050#0400 Datasheet
199Kb / 16P
   Low ESR
TPSE106*050#0500 AVX-TPSE106*050#0500 Datasheet
199Kb / 16P
   Low ESR
More results

Similar Description - TPSEU60-300-1

ManufacturerPart #DatasheetDescription
logo
Volgen Kaga Electronics...
SEU61 VOLGEN-SEU61 Datasheet
451Kb / 2P
   63W Enclosed Switching Power Supplies For I.T.E.
SEU60 VOLGEN-SEU60 Datasheet
565Kb / 2P
   63W Enclosed Switching Power Supplies For I.T.E.
logo
List of Unclassifed Man...
SEU60 ETC2-SEU60 Datasheet
565Kb / 2P
   63W Enclosed Switching Power Supplies
SEU61 ETC2-SEU61 Datasheet
451Kb / 2P
   63W Enclosed Switching Power Supplies
logo
DB Lectro Inc
SBU61 DBLECTRO-SBU61 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
SBU60 DBLECTRO-SBU60 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60 VOLGEN-SBU60 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Astrodyne Corporation
SUU61 ASTRODYNE-SUU61 Datasheet
550Kb / 2P
   63W U-bracket Switching Power Supplies For I.T.E.
logo
Total Power Internation...
TPSUU-60 TOTAL-POWER-TPSUU-60 Datasheet
290Kb / 2P
   63W U Bracket Type I.T.E. Power Supplies
TPSPU63 TOTAL-POWER-TPSPU63 Datasheet
227Kb / 2P
   63W Desk Top Type I.T.E. Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com