Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1016NTR Datasheet(PDF) 2 Page - Clare, Inc.

Part # CPC1016NTR
Description  4 Pin SOP OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1016NTR Datasheet(HTML) 2 Page - Clare, Inc.

  CPC1016NTR Datasheet HTML 1Page - Clare, Inc. CPC1016NTR Datasheet HTML 2Page - Clare, Inc. CPC1016NTR Datasheet HTML 3Page - Clare, Inc. CPC1016NTR Datasheet HTML 4Page - Clare, Inc. CPC1016NTR Datasheet HTML 5Page - Clare, Inc. CPC1016NTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
CPC1016N
Rev. 1
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
I
nput Power Dissipation
-
-
70
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
4001
mW
Capacitance
Input to Output
-
1
-
pF
Isolation Voltage
Input to Output
1500
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
+220
°C
(10 Seconds Max.)
1 Derate Linearly 3.33 mw / oC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
100
V
Load Current (Continuous)1
I
L
-
-
100
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance 2
I
L=100mA
R
ON
--
16
Off-State Leakage Current
V
L=100V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
2
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
0.5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-25
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
2-
50
mA
Input Dropout Current
-
I
F
0.3
0.9
-
mA
Input Voltage Drop
I
F=5mA
VF
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1 Load current derates linearly from 100mA @ 25oC to approximately 85mA @ 85oC.
2 Measurement taken within 1 second of on time.


Similar Part No. - CPC1016NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1016NTR CLARE-CPC1016NTR Datasheet
195Kb / 4P
   4 Pin SOP OptoMOS Relay
CPC1016NTR CLARE-CPC1016NTR Datasheet
113Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1016NTR IXYS-CPC1016NTR Datasheet
167Kb / 6P
   Single-Pole, Normally Open 4-Lead SOP OptoMOS Relay
More results

Similar Description - CPC1016NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
   4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
   4-Pin SOP OptoMOS Relay
CM5 CLARE-CM5 Datasheet
195Kb / 4P
   4 Pin SOP OptoMOS Relay
CPC1008N CLARE-CPC1008N Datasheet
188Kb / 6P
   4 Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com