Electronic Components Datasheet Search |
|
UA78M33CDCYG3 Datasheet(PDF) 10 Page - Texas Instruments |
|
|
UA78M33CDCYG3 Datasheet(HTML) 10 Page - Texas Instruments |
10 / 30 page 140 kΩ INPUT 96 Ω 0.6 Ω OUTPUT 0 to 20 kΩ 5.4 kΩ COMMON Resistor values shown are nominal. uA78M05, uA78M06, uA78M08 uA78M09, uA78M10, uA78M12, uA78M33 SLVS059T – JUNE 1976 – REVISED JANUARY 2015 www.ti.com 8 Detailed Description 8.1 Overview This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. The applications include on-card regulation for elimination of noise and distribution problems associated with single- point regulation. Each of these regulators can deliver up to 500 mA of output current. The internal current-limiting and thermal-shutdown features of these regulators essentially make them immune to overload. In addition to use as fixed-voltage regulators, these devices can be used with external components to obtain adjustable output voltages and currents and also as the power-pass element in precision regulators. 8.2 Functional Block Diagram 8.3 Feature Description • 3-Terminal Regulators • Output Current up to 500 mA • No External Components • Internal Thermal-Overload Protection • High Power-Dissipation Capability • Internal Short-Circuit Current Limiting • Output Transistor Safe-Area Compensation 8.4 Device Functional Modes 8.4.1 Fixed-Output Mode These devices are available in fixed-output voltages. See the orderable part list for the desired output. 10 Submit Documentation Feedback Copyright © 1976–2015, Texas Instruments Incorporated Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33 |
Similar Part No. - UA78M33CDCYG3 |
|
Similar Description - UA78M33CDCYG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |