Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9DBV0931AKILFT Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9DBV0931AKILFT
Description  9-Output 1.8V HCSL Fanout Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9DBV0931AKILFT Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 9DBV0931AKILFT Datasheet HTML 3Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 4Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 5Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 6Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 7Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 8Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 9Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 10Page - Integrated Device Technology 9DBV0931AKILFT Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
MARCH 14, 2017
7
9-OUTPUT 1.8V HCSL FANOUT BUFFER
9DBV0931 DATASHEET
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions
TA = TCOM or TIND; Supply voltages per normal operation conditions; see Test Loads for loading conditions
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VDDx
Supply voltage for core and analog
1.7
1.8
1.9
V
Output Supply Voltage
VDDIO
Low Voltage Supply LP-HCSL Outputs
0.9975
1.05-1.8
1.9
V
TCOM
Commercial range
0
25
70
°C
1
TIND
Industrial range
-40
25
85
°C
1
Input High Voltage
VIH
Single-ended inputs, except SMBus
0.75 VDD
VDD + 0.3
V
Input Mid Voltage
VIM
Single-ended tri-level inputs ('_tri' suffix)
0.4 VDD
0.6 VDD
V
Input Low Voltage
VIL
Single-ended inputs, except SMBus
-0.3
0.25 VDD
V
IIN
Single-ended inputs, VIN = GND, VIN = VDD
-5
5
µA
IINP
Single-ended inputs
VIN = 0 V; Inputs with internal pull-up resistors
VIN = VDD; Inputs with internal pull-down resistors
-200
200
µA
Input Frequency
Fin
1
200
MHz
2
Pin Inductance
Lpin
7nH
1
CIN
Logic Inputs, except DIF_IN
1.5
5
pF
1
CINDIF_IN
DIF_IN differential clock inputs
1.5
2.7
pF
1,6
COUT
Output pin capacitance
6
pF
1
Clk Stabilization
TSTAB
From VDD power-up and after input clock
stabilization or de-assertion of PD# to 1st clock
1ms
1,2
Input SS Modulation
Frequency PCIe
fMODINPCIe
Allowable frequency for PCIe applications
(Triangular modulation)
30
33
kHz
Input SS Modulation
Frequency non-PCIe
fMODIN
Allowable frequency for non-PCIe applications
(Triangular modulation)
066
kHz
OE# Latency
tLATOE#
DIF start after OE# assertion
DIF stop after OE# deassertion
1
3
clocks
1,3
Tdrive_PD#
tDRVPD
DIF output enable after
PD# de-assertion
300
µs
1,3
Tfall
tF
Fall time of single-ended control inputs
5
ns
2
Trise
tR
Rise time of single-ended control inputs
5
ns
2
SMBus Input Low Voltage
VILSMB
VDDSMB = 3.3V, see note 4 for VDDSMB < 3.3V
0.8
V
4
SMBus Input High Voltage
VIHSMB
VDDSMB = 3.3V, see note 5 for VDDSMB < 3.3V
2.1
3.3
V
5
SMBus Output Low Voltage
VOLSMB
at IPULLUP
0.4
V
SMBus Sink Current
IPULLUP
at VOL
4mA
Nominal Bus Voltage
VDDSMB
Bus voltage
1.7
3.6
V
SCLK/SDATA Rise Time
tRSMB
(Max VIL - 0.15V) to (Min VIH + 0.15V)
1000
ns
1
SCLK/SDATA Fall Time
tFSMB
(Min VIH + 0.15V) to (Max VIL - 0.15V)
300
ns
1
SMBus Operating
Frequency
fMAXSMB
Maximum SMBus operating frequency
400
kHz
7
1 Guaranteed by design and characterization, not 100% tested in production.
2 Control input must be monotonic from 20% to 80% of input swing.
6 DIF_IN input.
7 The differential input clock must be running for the SMBus to be active.
3 Time from deassertion until outputs are > 200 mV.
4 For V
DDSMB < 3.3V, VILSMB < = 0.35VDDSMB.
5 For V
DDSMB < 3.3V, VIHSMB > = 0.65VDDSMB.
Input Current
Capacitance
Ambient Operating
Temperature


Similar Part No. - 9DBV0931AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0931AKILFT IDT-9DBV0931AKILFT Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
logo
Renesas Technology Corp
9DBV0931AKILFT RENESAS-9DBV0931AKILFT Datasheet
1Mb / 28P
   5 to 9-Output 1.8V Low-Power Buffers for PCIe Gen1–5
February 6, 2023
More results

Similar Description - 9DBV0931AKILFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DBV0941 IDT-9DBV0941_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0931 IDT-9DBV0931_16 Datasheet
269Kb / 18P
   9-output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_16 Datasheet
218Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0741 IDT-9DBV0741 Datasheet
221Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0531 IDT-9DBV0531_17 Datasheet
204Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_16 Datasheet
264Kb / 17P
   7-output 1.8V HCSL Fanout Buffer
9DBV0941 IDT-9DBV0941_17 Datasheet
255Kb / 18P
   9-Output 1.8V HCSL Fanout Buffer with Zo = 100ohms
9DBV0531 IDT-9DBV0531_16 Datasheet
204Kb / 17P
   5-output 1.8V HCSL Fanout Buffer
9DBV0731 IDT-9DBV0731_17 Datasheet
264Kb / 17P
   7-Output 1.8V HCSL Fanout Buffer
9DBV0541 IDT-9DBV0541_17 Datasheet
218Kb / 17P
   5-Output 1.8V HCSL Fanout Buffer with Zo=100ohms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com