Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHPFL-0025-BNC Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CHPFL-0025-BNC
Description  7th Order Chebyshev Response
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CHPFL-0025-BNC Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CHPFL-0025-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CHPFL-0025-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION CHPFL-0025-BNC Datasheet HTML 3Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Rev E
Product Control:
Crystek Part Number:
Revision Level:
CHPFL-0025-BNC
E
Release Date:
Responsible:
10-Jul-2015
K. Piotrowicz
FREQ
(MHz)
INSERTION LOSS
(dB)
RETURN LOSS
(dB)
0.300
1.299
2.297
3.296
4.294
5.293
6.291
7.290
8.288
9.287
10.285
11.284
12.282
13.281
14.279
15.278
16.276
17.275
18.273
19.272
20.270
21.269
22.267
24.264
25.263
26.261
28.258
33.251
40.240
54.219
66.201
80.180
90.165
112.132
130.105
150.075
182.027
200.000
0.05
0.03
0.03
0.04
0.05
0.07
0.09
0.11
0.15
0.19
0.24
0.29
0.37
0.45
0.56
0.69
0.87
1.10
1.44
1.97
2.88
4.53
7.55
21.58
26.38
21.52
20.07
20.99
37.21
30.87
23.46
21.88
21.08
20.51
20.57
20.82
21.30
21.61
76.13
85.00
87.58
107.74
100.41
101.75
98.07
84.16
76.51
69.04
62.53
56.24
50.47
45.05
39.91
34.97
30.19
25.55
21.03
16.63
12.45
8.71
5.76
2.81
2.27
1.96
1.57
1.43
0.76
0.45
0.31
0.27
0.25
0.22
0.20
0.19
0.18
0.18
Page 3 of 3


Similar Part No. - CHPFL-0025-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0010-BNC CRYSTEKMICROWAVE-CHPFL-0010-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0045-BNC CRYSTEKMICROWAVE-CHPFL-0045-BNC Datasheet
466Kb / 3P
   7th Order Chebyshev Response
CHPFL-0050-BNC CRYSTEKMICROWAVE-CHPFL-0050-BNC Datasheet
468Kb / 3P
   7th Order Chebyshev Response
CHPFL-0080-BNC CRYSTEKMICROWAVE-CHPFL-0080-BNC Datasheet
469Kb / 3P
   7th Order Chebyshev Response
More results

Similar Description - CHPFL-0025-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CHPFL-0050-BNC CRYSTEKMICROWAVE-CHPFL-0050-BNC Datasheet
468Kb / 3P
   7th Order Chebyshev Response
CHPFL-0150-BNC CRYSTEKMICROWAVE-CHPFL-0150-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0045-BNC CRYSTEKMICROWAVE-CHPFL-0045-BNC Datasheet
466Kb / 3P
   7th Order Chebyshev Response
CHPFL-0080-BNC CRYSTEKMICROWAVE-CHPFL-0080-BNC Datasheet
469Kb / 3P
   7th Order Chebyshev Response
CHPFL-0010-BNC CRYSTEKMICROWAVE-CHPFL-0010-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CHPFL-0100-BNC CRYSTEKMICROWAVE-CHPFL-0100-BNC Datasheet
467Kb / 3P
   7th Order Chebyshev Response
CLPFL-0050 CRYSTEKMICROWAVE-CLPFL-0050 Datasheet
337Kb / 3P
   7th Order Chebyshev Response
CLPFL-0070-BNC CRYSTEKMICROWAVE-CLPFL-0070-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
CLPFL-0090-BNC CRYSTEKMICROWAVE-CLPFL-0090-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
CLPFL-0015-BNC CRYSTEKMICROWAVE-CLPFL-0015-BNC Datasheet
468Kb / 3P
   9th Order Chebyshev Response
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com