Electronic Components Datasheet Search |
|
SBA320AF_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc. |
|
SBA320AF_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PSBA320AF SERIES September 9,2016-REV.01 Page 1 EXTREME LOW VF SCHOTTKY RECTIFIER Voltage 20-40 V Current 3 A SMAF Unit: inch(mm) Features Ultra low forward voltage drop, low power loss Fast switching speed Surface mount package Ultra thin profile package for space constrained utilization Lead free in compliance with EU RoHS 2011/65/EU directive Green molding compound as per IEC61249 Std. . (Halogen Free) Applications Low voltage rectification Reverse polarity protection Low power consumption applications Mechanical Data Case: Molded plastic, SMAF Terminals: Solderable per MIL-STD-750, Method 2026 Approx. Weight: 0.0012 ounces, 0.0328 grams Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad. 2. Mounted on a FR4 PCB, single-sided copper, with 100cm² copper pad area 3. Short duration pulse test used to minimize self-heating effect. Maximum Ratings (TA=25 o C unless otherwise noted) PARAMETER SYMBOL SBA320AF SBA330AF SBA340AF UNIT Maximum repetitive peak reverse voltage VRRM 20 30 40 V Maximum rms voltage VRMS 14 21 28 V Maximum dc blocking voltage VR 20 30 40 V Maximum average forward rectified current IF(AV) 3 A Peak forward surge current : 8.3ms single half sine- wave Superimposed on rated load IFSM 50 A Typical thermal resistance (Note 2) (Note 1) RθJC RθJA 15 150 oC/W Operating junction temperature range TJ -55 to +150 oC Storage temperature range TSTG -55 to +150 oC Electrical Characteristics PARAMETER SYMBOL TEST CONDITION SBA320AF SBA330AF SBA340AF UNIT TYP. MAX. TYP. MAX. TYP. MAX. Forward voltage VF IF = 10mA IF = 1A IF = 3A TJ =25 oC 0.19 0.32 - - - 0.44 0.19 0.33 - - - 0.46 0.21 0.35 - - - 0.48 V IF = 10mA IF = 1A TJ =125 oC 0.05 0.24 - - 0.06 0.26 - - 0.06 0.27 - - V Reverse current (Note 3) IR VR = 10V VR = 20V VR = 30V VR = 40V TJ=25 oC 31 - - - - 200 - - 18 28 - - - - 200 - 16 21 35 - - - - 150 A VR = 20V VR = 30V VR = 40V TJ =125 oC 8.6 - - - - - 5.6 10.7 - - - - 5.1 7.6 12 - - - mA |
Similar Part No. - SBA320AF_R2_00001 |
|
Similar Description - SBA320AF_R2_00001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |