Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M05IKCSE3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UA78M05IKCSE3
Description  Positive-Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78M05IKCSE3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UA78M05IKCSE3 Datasheet HTML 3Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 4Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 5Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 6Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 7Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 8Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 9Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 10Page - Texas Instruments UA78M05IKCSE3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
uA78M05, uA78M06, uA78M08
uA78M09, uA78M10, uA78M12, uA78M33
www.ti.com
SLVS059T – JUNE 1976 – REVISED JANUARY 2015
7.9 Electrical Characteristics — uA78M06C
at specified virtual junction temperature, VI = 11 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
uA78M06C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP MAX
5.75
6
6.25
Output voltage(2)
IO = 5 mA to 350 mA,
VI = 8 V to 21 V
V
TJ = 0°C to 125°C
5.7
6.3
VI = 8 V to 25 V
5
100
Input voltage regulation
IO = 200 mA
mV
VI = 9 V to 25 V
1.5
50
IO = 100 mA,
59
TJ = 0°C to 125°C
Ripple rejection
VI = 8 V to 18 V,
f = 120 Hz
dB
IO = 300 mA
59
80
IO = 5 mA to 500 mA
20
120
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
60
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
45
μV
Dropout voltage
2
V
Bias current
4.5
6
mA
VI = 9 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output current
VI = 35 V
270
mA
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
(2)
This specification applies only for dc power dissipation permitted by Absolute Maximum Ratings.
7.10 Electrical Characteristics — uA78M08C
at specified virtual junction temperature, VI = 14 V, IO = 350 mA, TJ = 25°C (unless otherwise noted)
uA78M08C
PARAMETER
TEST CONDITIONS(1)
UNIT
MIN
TYP MAX
7.7
8
8.3
Output voltage(2)
VI = 10.5 V to 23 V,
IO = 5 mA to 350 mA
V
TJ = 0°C to 125°C
7.6
8.4
VI = 10.5 V to 25 V
6
100
Input voltage regulation
IO = 200 mA
mV
VI = 11 V to 25 V
2
50
IO = 100 mA,
TJ = 0°C to 125°C
56
VI = 11 V to 21.5 V,
Ripple rejection
dB
f = 120 Hz
IO = 300 mA
56
80
IO = 5 mA to 500 mA
25
160
Output voltage regulation
mV
IO = 5 mA to 200 mA
10
80
Temperature coefficient
IO = 5 mA,
TJ = 0°C to 125°C
–1
mV/°C
of output voltage
Output noise voltage
f = 10 Hz to 100 kHz
52
μV
Dropout voltage
2
V
Bias current
4.6
6
mA
VI = 10.5 V to 25 V,
IO = 200 mA,
TJ = 0°C to 125°C
0.8
Bias current change
mA
IO = 5 mA to 350 mA,
TJ = 0°C to 125°C
0.5
Short-circuit output
VI = 35 V
250
mA
current
Peak output current
0.7
A
(1)
All characteristics are measured with a 0.33-
μF capacitor across the input and a 0.1-μF capacitor across the output. Pulse-testing
techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately.
(2)
This specification applies only for dc power dissipation permitted by Absolute Maximum Ratings.
Copyright © 1976–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33


Similar Part No. - UA78M05IKCSE3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M05IKCSE3 TI-UA78M05IKCSE3 Datasheet
418Kb / 18P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05IKCSE3 TI-UA78M05IKCSE3 Datasheet
563Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05IKCSE3 TI1-UA78M05IKCSE3 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
More results

Similar Description - UA78M05IKCSE3

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com