Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB320_AY_00001 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # SB320_AY_00001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB320_AY_00001 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  SB320_AY_00001 Datasheet HTML 1Page - Pan Jit International Inc. SB320_AY_00001 Datasheet HTML 2Page - Pan Jit International Inc. SB320_AY_00001 Datasheet HTML 3Page - Pan Jit International Inc. SB320_AY_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE . 3
April 20,2016-REV.05
SB320 SERIES
Part No_packing code_Version
SB320_AY_00001
SB320_AY_10001
SB320_B0_00001
SB320_B0_10001
SB320_R2_00001
SB320_R2_10001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - SB320_AY_00001

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
SB320EA-G COMCHIP-SB320EA-G Datasheet
60Kb / 3P
   ESD Leaded Schottky Barrier Rectifiers
More results

Similar Description - SB320_AY_00001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com