Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2843 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM2843
Description  300MA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2843 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM2843 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CM2843
300mA CMOS LDO WITH EN & PG
2004/06/01 Rev. 1.3
Champion Microelectronic Corporation
Page 1
GENERAL DESCRIPTION
FEATURES
The CM2843 family is positive, linear regulators featured low
quiescent current (30µA typ.) with low dropout voltage,
making them ideal for battery applications. The space-saving
SOT-23-5 package is attractive for “Pocket” and “Hard Held”
applications.
These rugged devices have both Thermal Shutdown, and
Current Fold-back to prevent device failure under the “Worst”
of operating conditions.
An additional feature is a “Power Good” detector, which pulls
low when the output is out of regulation.
The CM2843 is stable with an output capacitance of 2.2µF or
greater.
Very Low Dropout Voltage
Low Current Consumption: Typ. 30µA, Max. 35µA
High Accuracy Output Voltage: +/- 2.5%
Guaranteed 300mA Output
Input Range up to 7.0V
Thermal Shutdown
Current Limiting
Power Good Output Function
Compact Package: SOT-23-5
Factory Pre-set Output Voltages
Short Circuit Current Fold-Back
Low Temperature Coefficient
APPLICATIONS
Battery-powered devices
Personal communication devices
Home electric/electronic appliances
PC peripherals
TYPICAL APPLICATIONS
IN
OUT
C M 2843
PG
GND
EN
IN
OU T
5V
C1
1uF
C2
4.7u F
1M Ω
C PG
* For programming
delay


Similar Part No. - CM2843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ABIM25 ETC1-CM2841ABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ACIM25 ETC1-CM2841ACIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841AIM25 ETC1-CM2841AIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841GABIM25 ETC1-CM2841GABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
More results

Similar Description - CM2843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com