Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2843 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM2843
Description  300MA CMOS LDO WITH EN PG
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2843 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM2843 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2843 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CM2843
300mA CMOS LDO WITH EN & PG
2004/06/01 Rev. 1.3
Champion Microelectronic Corporation
Page 4
ELECTRICAL CHARACTERISTICS
TA = +25
℃; unless otherwise noted
CM2843
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VOUT
IO = 1mA
-2.5
2.5
%
1.2V< VO(NOM)<=2.0V
1300
2.0V< VO(NOM)<=2.5V
800
Dropout Voltage
VDROPOUT
IO = 300mA,
VOUT=VO(NOM)-2%,
2.5V< VO(NOM)
300
mV
Output Current
IO
VOUT > 1.2V
300
mA
Current Limit
ILIM
VOUT > 1.2V
300
450
mA
Short Circuit Current
ISC
VOUT < 0.8V
150
300
mA
Quiescent Current
IQ
IO = 0mA
30
35
μA
Ground Pin Current
IGND
IO = 1mA to 300mA
30
35
μA
VOUT < 2.0V
-0.1
0.02
0.1
%
2.0V<VOUT < 3.0V
-.015
0.03
0.15
%
Line Regulation
REGLINE
IOUT=1mA, VIN=VOUT+1 to
VOUT+2
3.0V<VOUT
-0.3
0.06
0.3
%
Load Regulation
REGLOAD
IO=1mA to 300mA
0.2
1
%
Over Temperature Shutdown
OTS
150
Over Temperature Hysteresis
OTH
30
VOUT Temperature Coefficient
TC
25
ppm/℃
f=1kHz
60
f=10kHz
50
Power Supply Rejection
PSRR
IO = 100mA
CO=2.2µF ceramic
f=100kHz
40
dB
Output Voltage Noise
eN
f=10Hz to 100kHz
IO = 10mA
CO=2.2µF
30
μVrms
IEH
VEN=VIN, VIN=2.7V to 7V
0.1
μA
EN Input Bias Current
IEL
VEN=0V, VIN=2.7V to 7V
1.0
3.0
μA
VEH
VIN=2.7V to 7V
VIN/2+0.8V
VIN
V
EN Input Threshold
VEL
VIN=2.7V to 7V
0
VIN/2-0.8V
V
Shutdown Supply Current
ISD
VIN=5.0V, VOUT=0V, VEN < VEL
2.0
3.0
μA
Shutdown Output Voltage
VO, SD
IO=150mA
0
0.1
V
2.5V<=VOUT <= 5.0V
85
Output Under Voltage
VUV
1.2V<=VOUT <= 2.5V
85
%V O(NOM)
PG Leakage Current
ILC
VPG = 7V
1
μA
PG Voltage Rating
VPG
VOUT in regulation
7
V
PG Voltage Low
VOL
ISINK = 2mA
0.1
V
Delay Time to PG
tDELAY
1
5
ms
Note 1. VIN(MIN) = VOUT + VDROPOUT


Similar Part No. - CM2843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ABIM25 ETC1-CM2841ABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841ACIM25 ETC1-CM2841ACIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841AIM25 ETC1-CM2841AIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
CM2841GABIM25 ETC1-CM2841GABIM25 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
More results

Similar Description - CM2843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2852 ETC1-CM2852 Datasheet
179Kb / 10P
   300mA CMOS LDO WITH EN & PG
CM2855 ETC-CM2855 Datasheet
273Kb / 10P
   300MA CMOS LDO WITH EN & PG
CM2841 ETC1-CM2841 Datasheet
227Kb / 11P
   150mA CMOS LDO WITH EN PG
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
logo
Seaward Electronics Inc...
SE5318 SEAWARD-SE5318 Datasheet
287Kb / 6P
   300mA CMOS LDO with PGOOD
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com