Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CATTEN-04R0-BNC Datasheet(PDF) 2 Page - CRYSTEK CORPORATION

Part # CATTEN-04R0-BNC
Description  Attenuator frequency range is from DC to 1 GHz.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-04R0-BNC Datasheet(HTML) 2 Page - CRYSTEK CORPORATION

  CATTEN-04R0-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-04R0-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Rev D
2.590
(65.79)
1.480
(37.59)
0.550
(13.97)
BNC
Male
BNC
Female
9 dB Data
Freq.
(MHz)
Atten
(dB)
Return
Loss
(dB)
0.3
5.3
40.3
70.3
90.3
100.3
110.3
160.3
200.2
250.2
300.2
350.2
400.2
450.2
500.2
550.1
600.1
650.1
700.1
800.1
900.0
1000.0
52.0
55.1
47.0
43.9
42.3
41.7
41.2
39.4
37.2
33.0
30.7
30.5
31.1
30.9
30.1
28.6
27.0
27.0
31.1
27.9
24.9
39.7
9.0
9.0
9.1
9.1
9.1
9.1
9.1
9.1
9.1
9.1
9.1
9.1
9.1
9.2
9.2
9.2
9.2
9.2
9.2
9.2
9.3
9.3
Part Number
Attenuation
(dB)
Max Power
(Watts)
CATTEN-01R0-BNC
CATTEN-01R5-BNC
CATTEN-02R0-BNC
CATTEN-03R0-BNC
CATTEN-04R0-BNC
CATTEN-05R0-BNC
CATTEN-06R0-BNC
CATTEN-07R0-BNC
CATTEN-08R0-BNC
CATTEN-09R0-BNC
CATTEN-0100-BNC
CATTEN-0150-BNC
CATTEN-0200-BNC
1.0
1.5
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
15.0
20.0
2
2
2
2
2
2
2
2
2
2
2
2
2
Page 2 of 2


Similar Part No. - CATTEN-04R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
More results

Similar Description - CATTEN-04R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
   IF frequency range from DC to 3 GHz
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
   N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
   1 GHz to 2 GHz Frequency Range
PE6142-75 PASTERNACK-PE6142-75 Datasheet
78Kb / 1P
   TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE7033 PASTERNACK-PE7033 Datasheet
88Kb / 1P
   TWO STAGE BENCH ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com