Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CATTEN-04R0-BNC Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CATTEN-04R0-BNC
Description  Attenuator frequency range is from DC to 1 GHz.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CATTEN-04R0-BNC Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CATTEN-04R0-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-04R0-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Temperature Range:
-40°C to +85°C
Rated Power:
2 Watts Max
Frequency Range:
DC to 1 GHz
VSWR:
1:1.3 Max
Impedance:
50 Ohms
Attenuation Tolerance:
±0.3 dB
The Attenuator offers end users a rugged BNC attenuator housing for easy connection.
The CATTEN-09R0-BNC provides 2 Watts of power dissipation. Tolerance matching
is used to provide superior temperature tracking to individual components. Attenuator
frequency range is from DC to 1 GHz.
Product Control:
Crystek Part Number:
Revision Level:
CATTEN-09R0-BNC
D
Release Date:
Responsible:
03-Feb-2016
K. Piotrowicz
Page 1 of 2


Similar Part No. - CATTEN-04R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-04R0-BNC CRYSTEKMICROWAVE-CATTEN-04R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
More results

Similar Description - CATTEN-04R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
   IF frequency range from DC to 3 GHz
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
   N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
   1 GHz to 2 GHz Frequency Range
PE6142-75 PASTERNACK-PE6142-75 Datasheet
78Kb / 1P
   TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE7033 PASTERNACK-PE7033 Datasheet
88Kb / 1P
   TWO STAGE BENCH ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 2 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com