Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104RUTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0104RUTR
Description  4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0104RUTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TXB0104RUTR Datasheet HTML 2Page - Texas Instruments TXB0104RUTR Datasheet HTML 3Page - Texas Instruments TXB0104RUTR Datasheet HTML 4Page - Texas Instruments TXB0104RUTR Datasheet HTML 5Page - Texas Instruments TXB0104RUTR Datasheet HTML 6Page - Texas Instruments TXB0104RUTR Datasheet HTML 7Page - Texas Instruments TXB0104RUTR Datasheet HTML 8Page - Texas Instruments TXB0104RUTR Datasheet HTML 9Page - Texas Instruments TXB0104RUTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
TXB0104
SCES650G – APRIL 2006 – REVISED NOVEMBER 2014
www.ti.com
Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
(1)(2)
VCCA
VCCB
MIN
MAX
UNIT
A-port inputs
1.2 V to 3.6 V
1.65 V to 5.5 V
40
Input transition
Δt/Δv
1.65 V to 3.6 V
40
ns/V
rise or fall rate
B-port inputs
1.2 V to 3.6 V
4.5 V to 5.5 V
30
TA
Operating free-air temperature
–40
85
°C
6.4 Thermal Information
TXB0104
THERMAL METRIC(1)
D
GXU/ZXU
PW
RGY
RUT
YZT
UNIT
14 PINS
12 PINS
14 PINS
14 PINS
12 PINS
12 PINS
RθJA
Junction-to-ambient thermal
90.7
127.1
121.0
52.8
119.8
89.2
resistance
RθJC(top) Junction-to-case (top) thermal
50.5
92.8
50.0
67.7
42.6
0.9
resistance
RθJB
Junction-to-board thermal
45.4
62.2
62.8
28.9
52.5
14.4
resistance
°C/W
ψJT
Junction-to-top characterization
14.7
2.3
6.4
2.6
0.7
3.0
parameter
ψJB
Junction-to-board characterization
45.1
62.2
62.2
29.0
52.3
14.4
parameter
RθJC(bot) Junction-to-case (bottom) thermal
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
(1) (2)
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
1.2 V
1.1
VOHA
IOH = –20 μA
V
VCCA
1.4 V to 3.6 V
– 0.4
1.2 V
0.3
VOLA
IOL = 20 μA
V
1.4 V to 3.6 V
0.4
VCCB
VOHB
IOH = –20 μA
1.65 V to 5.5 V
V
– 0.4
VOLB
IOL = 20 μA
1.65 V to 5.5 V
0.4
V
II
OE
VI = VCCI or GND
1.2 V to 3.6 V
1.65 V to 5.5 V
–1
1
–2
2
μA
A port
VI or VO = 0 to 3.6 V
0 V
0 V to 5.5 V
–1
1
–2
2
Ioff
μA
B port
VI or VO = 0 to 5.5 V
0 V to 3.6 V
0 V
–1
1
–2
2
IOZ
A or B port
OE = GND
1.2 V to 3.6 V
1.65 V to 5.5 V
–1
1
–2
2
μA
1.2 V
1.65 V to 5.5 V
0.06
1.4 V to 3.6 V
1.65 V to 5.5 V
5
VI = VCCI or GND,
ICCA
μA
IO = 0
3.6 V
0 V
2
0 V
5.5 V
–2
1.2 V
1.65 V to 5.5 V
3.4
1.4 V to 3.6 V
1.65 V to 5.5 V
5
VI = VCCI or GND,
ICCB
μA
IO = 0
3.6 V
0 V
–2
0 V
5.5 V
2
(1)
VCCI is the supply voltage associated with the input port.
(2)
VCCO is the supply voltage associated with the output port.
6
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TXB0104


Similar Part No. - TXB0104RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104RUTR TI-TXB0104RUTR Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104RUTR TI-TXB0104RUTR Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104RUTR TI-TXB0104RUTR Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
More results

Similar Description - TXB0104RUTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com