Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA78M05 Datasheet(PDF) 4 Page - Texas Instruments

Part # UA78M05
Description  Positive-Voltage Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA78M05 Datasheet(HTML) 4 Page - Texas Instruments

  UA78M05 Datasheet HTML 1Page - Texas Instruments UA78M05 Datasheet HTML 2Page - Texas Instruments UA78M05 Datasheet HTML 3Page - Texas Instruments UA78M05 Datasheet HTML 4Page - Texas Instruments UA78M05 Datasheet HTML 5Page - Texas Instruments UA78M05 Datasheet HTML 6Page - Texas Instruments UA78M05 Datasheet HTML 7Page - Texas Instruments UA78M05 Datasheet HTML 8Page - Texas Instruments UA78M05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
uA78M05, uA78M06, uA78M08
uA78M09, uA78M10, uA78M12, uA78M33
SLVS059T – JUNE 1976 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over virtual junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VI
Input voltage
35
V
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
2500
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
2000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
MAX
UNIT
uA78M33
5.3
25
uA78M05
7
25
uA78M06
8
25
uA78M08
10.5
25
VI
Input voltage
V
uA78M09
11.5
26
uA78M10
12.5
28
uA78M12
14.5
30
uA78M15
17.5
30
IO
Output current
500
mA
uA78MxxC
0
125
TJ
Operating virtual junction temperature
°C
uA78MxxI
–40
125
7.4 Thermal Information
UA78Mxx
THERMAL METRIC(1)
DCY
KC
KCS
KTP
KVU
UNIT
3 PINS
3 PINS
3 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
53
19
19
28
30.3
RθJC(to
Junction-to-case (top) thermal resistance
30.6
17
17
19
p)
°C/W
RθJC(b
Junction-to-case (bottom) thermal resistance
3
3
1.4
ot)
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 1976–2015, Texas Instruments Incorporated
Product Folder Links: uA78M05 uA78M06 uA78M08 uA78M09 uA78M10 uA78M12 uA78M33


Similar Part No. - UA78M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA78M05 TI-UA78M05 Datasheet
272Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05 TI1-UA78M05 Datasheet
1Mb / 30P
[Old version datasheet]   Positive-Voltage Regulators
UA78M05 TI1-UA78M05 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
234Kb / 11P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78M05-Q1 TI1-UA78M05-Q1 Datasheet
733Kb / 12P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - UA78M05

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com