Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0104PWR
Description  4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0104PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TXB0104PWR Datasheet HTML 3Page - Texas Instruments TXB0104PWR Datasheet HTML 4Page - Texas Instruments TXB0104PWR Datasheet HTML 5Page - Texas Instruments TXB0104PWR Datasheet HTML 6Page - Texas Instruments TXB0104PWR Datasheet HTML 7Page - Texas Instruments TXB0104PWR Datasheet HTML 8Page - Texas Instruments TXB0104PWR Datasheet HTML 9Page - Texas Instruments TXB0104PWR Datasheet HTML 10Page - Texas Instruments TXB0104PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
TXB0104
www.ti.com
SCES650G – APRIL 2006 – REVISED NOVEMBER 2014
Electrical Characteristics
(1)(2)
(continued)
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
1.2 V
1.65 V to 5.5 V
3.5
VI = VCCI or GND,
ICCA + ICCB
μA
IO = 0
1.4 V to 3.6 V
1.65 V to 5.5 V
10
VI = VCCI or GND,
1.2 V
1.65 V to 5.5 V
0.05
ICCZA
IO = 0,
μA
1.4 V to 3.6 V
1.65 V to 5.5 V
5
OE = GND
VI = VCCI or GND,
1.2 V
1.65 V to 5.5 V
3.3
ICCZB
IO = 0,
μA
1.4 V to 3.6 V
1.65 V to 5.5 V
5
OE = GND
Ci
OE
1.2 V to 3.6 V
1.65 V to 5.5 V
3
4
pF
A port
5
6
Cio
1.2 V to 3.6 V
1.65 V to 5.5 V
pF
B port
11
14
6.6 Timing Requirements: VCCA = 1.2 V
TA = 25°C, VCCA = 1.2 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
UNIT
TYP
TYP
TYP
TYP
Data rate
20
20
20
20
Mbps
tw
Pulse duration
Data inputs
50
50
50
50
ns
6.7 Timing Requirements: VCCA = 1.5 V ± 0.1 V
over recommended operating free-air temperature range, VCCA = 1.5 V ± 0.1 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
40
40
40
40
Mbps
tw
Pulse duration
Data inputs
25
25
25
25
ns
6.8 Timing Requirements: VCCA = 1.8 V ± 0.15 V
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
60
60
60
60
Mbps
tw
Pulse duration
Data inputs
17
17
17
17
ns
6.9 Timing Requirements: VCCA = 2.5 V ± 0.2 V
over recommended operating free-air temperature range, VCCA = 2.5 V ± 0.2 V (unless otherwise noted)
VCCB = 2.5 V
VCCB = 3.3 V
VCCB = 5 V
± 0.2 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Data rate
100
100
100
Mbps
tw
Pulse duration
Data inputs
10
10
10
ns
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TXB0104


Similar Part No. - TXB0104PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104PWR TI-TXB0104PWR Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104PWR TI-TXB0104PWR Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104PWR TI-TXB0104PWR Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104PWR TI-TXB0104PWR Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104PWR TI-TXB0104PWR Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
More results

Similar Description - TXB0104PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com