Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0104 Datasheet(PDF) 3 Page - Texas Instruments

Part # TXB0104
Description  4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0104 Datasheet(HTML) 3 Page - Texas Instruments

  TXB0104_17 Datasheet HTML 1Page - Texas Instruments TXB0104_17 Datasheet HTML 2Page - Texas Instruments TXB0104_17 Datasheet HTML 3Page - Texas Instruments TXB0104_17 Datasheet HTML 4Page - Texas Instruments TXB0104_17 Datasheet HTML 5Page - Texas Instruments TXB0104_17 Datasheet HTML 6Page - Texas Instruments TXB0104_17 Datasheet HTML 7Page - Texas Instruments TXB0104_17 Datasheet HTML 8Page - Texas Instruments TXB0104_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OE
D OR PW PACKAGE
(TOP VIEW)
GND
NC
A4
A3
A2
V
CCA
NC
B4
B3
B2
B1
V
CCB
A1
RGY PACKAGE
Exposed
Center
Pad
(TOP VIEW)
1
14
7
8
2
3
4
5
6
13
12
11
10
9
B1
B2
B3
B4
NC
A1
A2
A3
A4
NC
V
CCB
B1
B2
B3
RUT PACKAGE
(TOP VIEW)
3
2
6
10
1
4
8
9
11
12
A2
A3
V
CCA
A1
B4
5
7
A4
GXU/ZXU PACKAGE
(TOP VIEW)
4
3
2
1
A
B
C
YZT PACKAGE
(TOP VIEW)
D
C
B
A
3 2 1
TXB0104
www.ti.com
SCES650G – APRIL 2006 – REVISED NOVEMBER 2014
5 Pin Configuration and Functions
A. N.C.
− No internal connection
B. For RGY, if the exposed center pad is used, it must only be connected as a secondary ground or left
electrically open.
C. Pullup resistors are not required on both sides for Logic I/O.
D. If pull up or pull down resistors are needed, the resistor value must be over 50 k
Ω.
E. 50 k
Ω is a safe recommended value, if the customer can accept higher VOL or lower VOH, smaller pullup or
pulldown resistor is allowed, the draft estimation is VOL = VCCOUT × 4.5 k/(4.5 k + RPU) and VOH = VCCOUT ×
RDW/(4.5 k + RDW).
F. If pullup resistors are needed, please refer to the TXS0104 or contact TI.
G. For detailed information, please refer to application note SCEA043.
Pin Functions
PIN
BALL
FUNCTION
D, PW, OR
GXU/
NAME
RUT NO.
YZT NO.
RGY NO.
ZXU NO.
VCCA
1
1
B2
B2
A-port supply voltage 1.2 V
≤ VCCA ≤ 3.6 V and VCCA ≤ VCCB.
A1
2
2
A1
A3
Input/output 1. Referenced to VCCA.
A2
3
3
A2
B3
Input/output 2. Referenced to VCCA.
A3
4
4
A3
C3
Input/output 3. Referenced to VCCA.
A4
5
5
A4
D3
Input/output 4. Referenced to VCCA.
NC
6
No connection. Not internally connected.
GND
7
6
B4
D2
Ground
3-state output-mode enable. Pull OE low to place all outputs in 3-state
OE
8
12
B3
C2
mode. Referenced to VCCA.
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TXB0104


Similar Part No. - TXB0104_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
More results

Similar Description - TXB0104_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TXB0104 4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 짹15-kV ESD Protection
TXB0101 TI-TXB0101_11 Datasheet
899Kb / 23P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI-TXB0108_11 Datasheet
726Kb / 24P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0106 TI-TXB0106_11 Datasheet
650Kb / 20P
[Old version datasheet]   6-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO-DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0108 TI1-TXB0108_18 Datasheet
1Mb / 34P
[Old version datasheet]   8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing and (-)15-kV ESD Protection
TXB0104 TI-TXB0104 Datasheet
135Kb / 12P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTO DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com