Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB544IRNQT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB544IRNQT
Description  USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB544IRNQT Datasheet(HTML) 4 Page - Texas Instruments

  TUSB544IRNQT Datasheet HTML 1Page - Texas Instruments TUSB544IRNQT Datasheet HTML 2Page - Texas Instruments TUSB544IRNQT Datasheet HTML 3Page - Texas Instruments TUSB544IRNQT Datasheet HTML 4Page - Texas Instruments TUSB544IRNQT Datasheet HTML 5Page - Texas Instruments TUSB544IRNQT Datasheet HTML 6Page - Texas Instruments TUSB544IRNQT Datasheet HTML 7Page - Texas Instruments TUSB544IRNQT Datasheet HTML 8Page - Texas Instruments TUSB544IRNQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
4
TUSB544
SLLSEZ0B – APRIL 2017 – REVISED MAY 2017
www.ti.com
Product Folder Links: TUSB544
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
11
DIR1
2 Level I/O
This pin along with DIR0 sets the data path signal direction format. Refer to Table 4 for signal direction
formats.
12
UTX2p
Diff I/O
Differential positive input/output for upstream facing TX2 port.
13
UTX2n
Diff I/O
Differential negative input/output for upstream facing TX2 port.
14
VIO_SEL
4 Level I/O
This pin selects I/O voltage levels for the GPIO configuration pins and the I2C interface:
0 = 3.3-V configuration I/O voltage, 3.3-V I2C interface (Default)
R = 3.3-V configuration I/O voltage, 1.8-V I2C interface
F = 1.8-V configuration I/O voltage, 3.3-V I2C interface
1 = 1.8-V configuration I/O voltage, 1.8-V I2C interface.
15
UTX1n
Diff I/O
Differential negative input/output for upstream facing TX1 port.
16
UTX1p
Diff I/O
Differential positive input/output for upstream facing TX1 port.
17
I2C_EN
4 Level I
I2C Programming or Pin Strap Programming Select.
0 = GPIO Mode (I2C disabled)
R = TI Test Mode (I2C enabled)
F = GPIO Mode, AUX Snoop Disabled (I2C disabled)
1 = I2C enabled.
18
URX1n
Diff I/O
Differential negative input/output for upstream facing RX1 port.
19
URX1p
Diff I/O
Differential positive input/output for upstream facing RX1 port.
20
VCC
P
3.3V Power Supply
21
FLIP/SCL
2 Level I
(Failsafe)
When I2C_EN=’0’ this is Flip control pin, otherwise this pin is I2C clock.
22
CTL0/SDA
2 Level I
(Failsafe)
When I2C_EN=’0’ this is a USB3.1 Switch control pin, otherwise this pin is I2C data.
23
CTL1
2 Level I
(PD)
DP Alt mode Switch Control Pin. When I2C_EN = ‘0’, this pin will enable or disable DisplayPort
functionality. Otherwise DisplayPort functionality is enabled and disabled through I2C registers.
L = DisplayPort Disabled.
H = DisplayPort Enabled.
When I2C_EN = 0, this pin is not used by device.
24
AUXp
I/O,
CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort source or sink through an AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100-kΩ resistor to GND between
the AC coupling capacitor and the AUXp pin if the TUSB544 is used on the DisplayPort source side, or a
1-MΩ resistor to DP_PWR (3.3V) between the AC coupling capacitor and the AUXp pin if TUSB544 is
used on the DisplayPort sink side. This pin along with AUXn is used by the TUSB544 for AUX snooping
and is routed to SBU1/2 based on the orientation of the Type-C plug.
25
AUXn
I/O,
CMOS
AUXn. DisplayPort AUX I/O connected to the DisplayPort source or sink through an AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100-kΩ resistor to DP_PWR (3.3V)
between the AC coupling capacitor and the AUXn pin if the TUSB544 is used on the DisplayPort source
side, or a 1-MΩ resistor to GND between the AC coupling capacitor and the AUXn pin if TUSB544 is used
on the DisplayPort sink side. This pin along with AUXp is used by the TUSB544 for AUX snooping and is
routed to SBU1/2 based on the orientation of the Type-C plug.
26
SBU2
I/O,
CMOS
SBU2. When the TUSB544 is used on the DisplayPort source side, this pin should be DC coupled to the
SBU2 pin of the Type-C receptacle. When the TUSB544 is used on the DisplayPort sink side, this pin
should be DC coupled to the SBU1 pin of the Type-C receptacle. A 2-MΩ resistor to GND is also
recommended.
27
SBU1
I/O,
CMOS
SBU1. When the TUSB544 is used on the DisplayPort source side, this pin should be DC coupled to the
SBU1 pin of the Type-C receptacle. When the TUSB544 is used on the DisplayPort sink side, this pin
should be DC coupled to the SBU2 pin of the Type-C receptacle. A 2-MΩ resistor to GND is also
recommended.
28
VCC
P
3.3V Power Supply
29
DEQ1
4 Level I
This pin along with DEQ0 sets the high-frequency equalizer gain for downstream facing DRX1, DRX2,
DTX1, DTX2 receivers.
Up to 11 dB of EQ available.
30
DRX1p
Diff I/O
Differential positive input/output for downstream facing RX1 port.
31
DRX1n
Diff I/O
Differential negative input/output for downstream facing RX1 port.
32
HPDIN
2 Level I (PD)
When I2C_EN = 0, this pin is an input for Hot Plug Detect received from DisplayPort sink. When HPDIN is
Low for greater than 2ms, all DisplayPort lanes are disabled and AUX to SBU switch will remain closed.
33
DTX1p
Diff I/O
Differential positive input/output for downstream facing TX1 port.
34
DTX1n
Diff I/O
Differential negative input/output for downstream facing TX1 port.
35
UEQ0/A0
4 Level I
This pin along with UEQ1 sets the high-frequency equalizer gain for upstream facing URX1, URX2, UTX1,
UTX2 receivers. Up to 9.4 dB of EQ available. When I2C_EN !=0, this pin will also set TUSB544’s I2C
address. Refer to Table 10.
36
DTX2n
Diff I/O
Differential negative input/output for downstream facing TX2 port.


Similar Part No. - TUSB544IRNQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB542RWQR TI1-TUSB542RWQR Datasheet
1Mb / 23P
[Old version datasheet]   USB Type-C 5 Gbps Redriver 2:1 MUX
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546-DCIRNQR TI1-TUSB546-DCIRNQR Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB546-DCIRNQT TI1-TUSB546-DCIRNQT Datasheet
1Mb / 48P
[Old version datasheet]   USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
More results

Similar Description - TUSB544IRNQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
[Old version datasheet]   USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
[Old version datasheet]   DisplayPort 8.1 Gbps Linear Redriver
logo
NXP Semiconductors
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
   Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
[Old version datasheet]   USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
[Old version datasheet]   USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
[Old version datasheet]   TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
   Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com