Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RGC0064G Datasheet(PDF) 10 Page - Texas Instruments

Part # RGC0064G
Description  Four-Port USB 3.1 Gen1 Hub with USB Billboard
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RGC0064G Datasheet(HTML) 10 Page - Texas Instruments

Back Button RGC0064G Datasheet HTML 6Page - Texas Instruments RGC0064G Datasheet HTML 7Page - Texas Instruments RGC0064G Datasheet HTML 8Page - Texas Instruments RGC0064G Datasheet HTML 9Page - Texas Instruments RGC0064G Datasheet HTML 10Page - Texas Instruments RGC0064G Datasheet HTML 11Page - Texas Instruments RGC0064G Datasheet HTML 12Page - Texas Instruments RGC0064G Datasheet HTML 13Page - Texas Instruments RGC0064G Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
td2
GRSTz
VDD33
VDD
MISC_IO
td1
tsu_io
thd_io
10
TUSB8044
SLLSEW5 – APRIL 2017
www.ti.com
Product Folder Links: TUSB8044
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Applies to external inputs and bidirectional buffers.
(2)
Applies to external outputs and bidirectional buffers.
(3)
Applies to GRSTz.
(4)
Applies to pins with internal pullups/pulldowns.
(5)
Applies to external input buffers.
7.5 Electrical Characteristics, 3.3-V I/O
over operating free-air temperature range (unless otherwise noted)
PARAMETER
OPERATION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input voltage(1)
VDD33
2
VDD33
V
VIL
Low-level input voltage(1)
VDD33
0
0.8
V
VI
Input voltage
0
VDD33
V
VO
Output voltage(2)
0
VDD33
V
tt
Input transition time (trise and
tfall)
0
25
ns
Vhys
Input hysteresis(3)
0.13 x
VDD33
V
VOH
High-level output voltage
VDD33
IOH = -4 mA
2.4
V
VOL
Low-level output voltage
VDD33
IOL = 4 mA
0.4
V
IOZ
High-impedance, output
current(2)
VDD33
VI = 0 to VDD33
±20
µA
IOZP
High-impedance, output current
with internal pullup or pulldown
resistor(4)
VDD33
VI = 0 to VDD33
±250
µA
II
Input current(5)
VDD33
VI = 0 to VDD33
±15
µA
RPD
Internal pull-down resister
13.5
19
27.5
K ohms
RPU
Internal pull-up resistor
14.5
19
25
K ohms
(1)
An active reset is required if the VDD33 supply is stable before the VDD11 supply. This active Reset shall meet the 3ms power-up delay
counting from both power supplies being stable to the de-assertion of GRSTz.
(2)
There is no power-on relationship between VDD33 and VDD unless GRSTz is only connected to a capacitor to GND. Then VDD must
be stable minimum of 10 µs before the VDD33.
(3)
MISC pins sampled at de-assertion of GRSTz: BATEN[4:1], SMBUSz, and PWRCTL_POL.
7.6 Timing Requirements, Power-Up
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
td1
VDD33 stable before VDD stable(1)
See (2)
ms
td2
VDD and VDD33 stable before de-assertion of GRSTz
3
ms
tsu_io
Setup for MISC inputs(3) sampled at the de-assertion of GRSTz
0.1
µs
thd_io
Hold for MISC inputs(3) sampled at the de-assertion of GRSTz
0.1
µs
tVDD33_RAMP
VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
Figure 1. Power-Up Timing Requirements


Similar Part No. - RGC0064G

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
RGC0201 SEI-RGC0201 Datasheet
450Kb / 7P
   Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC0201BTC100R SEI-RGC0201BTC100R Datasheet
450Kb / 7P
   Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC0201BTC10K5 SEI-RGC0201BTC10K5 Datasheet
450Kb / 7P
   Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC0201BTC1M00 SEI-RGC0201BTC1M00 Datasheet
450Kb / 7P
   Semi-Precision Thick Film Chip Resistor
04/22/2020
RGC0201BTC4K70 SEI-RGC0201BTC4K70 Datasheet
450Kb / 7P
   Semi-Precision Thick Film Chip Resistor
04/22/2020
More results

Similar Description - RGC0064G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8044A TI1-TUSB8044A Datasheet
2Mb / 63P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8044A TI1-TUSB8044A_19 Datasheet
2Mb / 69P
[Old version datasheet]   four-port USB 3.2 x1 Gen1 hub with USB billboard
TUSB8042 TI1-TUSB8042 Datasheet
1Mb / 55P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8041A TI1-TUSB8041A Datasheet
2Mb / 57P
[Old version datasheet]   Four-Port USB 3.1 Gen1 Hub
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
[Old version datasheet]   Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C2P COOLGEAR-CG-4PU31C2P Datasheet
120Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed USB C Upstream
logo
Texas Instruments
TUSB8043A TI1-TUSB8043A Datasheet
1Mb / 56P
[Old version datasheet]   TUSB8043A Four-port USB 3.2 x1 Gen1 Hub
logo
Coolgear Inc.
CG-4PU31C1B1 COOLGEAR-CG-4PU31C1B1 Datasheet
121Kb / 3P
   USB C Hub 4 Port USB 3.1 Gen1 SuperSpeed Type-B Upstream
CG-U31IS4PH COOLGEAR-CG-U31IS4PH Datasheet
118Kb / 3P
   4 Port USB 3.1 Gen1 Isolated Hub with 15KV ESD Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com