Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF7960RHBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TRF7960RHBR
Description  Multiple-Standard Fully Integrated 13.56-MHz RFID Analog Front End and Data-Framing Reader System
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF7960RHBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TRF7960RHBR Datasheet HTML 5Page - Texas Instruments TRF7960RHBR Datasheet HTML 6Page - Texas Instruments TRF7960RHBR Datasheet HTML 7Page - Texas Instruments TRF7960RHBR Datasheet HTML 8Page - Texas Instruments TRF7960RHBR Datasheet HTML 9Page - Texas Instruments TRF7960RHBR Datasheet HTML 10Page - Texas Instruments TRF7960RHBR Datasheet HTML 11Page - Texas Instruments TRF7960RHBR Datasheet HTML 12Page - Texas Instruments TRF7960RHBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
9
TRF7960, TRF7961
www.ti.com
SLOU186G – AUGUST 2006 – REVISED MAY 2017
Submit Documentation Feedback
Product Folder Links: TRF7960 TRF7961
Specifications
Copyright © 2006–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
TYP values at 25°C, MIN and MAX values over operating ambient temperature range, VS = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Recommended DATA_CLK speed is 2 MHz; higher data clock depends on the capacitive load. Maximum SPI clock speed should not
exceed 10 MHz. This clock speed is acceptable only when external capacitive load is less than 30 pF. The MISO driver has a typical
output resistance of 400 Ω (12-ns time constant when 30-pF load is used).
VDD_RF
Regulated supply for RF circuitry
Regulator set for 5-V system with 250-mV
difference
4
4.6
5.2
V
VDD_X
Regulated supply for external
circuitry
3.1
3.4
3.8
V
PPSRR
Rejection of external supply noise
on the supply VDD_RF regulator
The difference between the external supply and
the regulated voltage is higher than 250 mV,
measured at 212 kHz
20
26
dB
RRFOUT
PA driver output resistance
Half-power mode
8
12
Full-power mode
4
6
RRFIN
RX_IN1 and RX_IN2 input
resistance
5
10
20
k
VRFIN
Maximum input voltage
At RX_IN1 and RX_IN2 inputs
3.5
VPP
VSENS
Input sensitivity
fSUBCARRIER = 424 kHz
1.2
2.5
mVPP
fSUBCARRIER = 848 kHz
1.2
3
tSET_PD
Setup time after power down
10
20
ms
tSET_STBY
Setup time after standby mode
30
100
µs
tREC
Recovery time after modulation
(ISO/IEC 14443)
Modulation signal: sine, 424 kHz, 10 mVpp
60
µs
fSYS_CLK
SYS_CLK frequency
In PD2 mode EN = 0 and EN2 = 1
30
60
120
kHz
fD_CLKmax
Maximum DATA_CLK frequency
Depends on capacitive load on the I/O lines, TI
recommends 2 MHz(1)
2
4
8
MHz
CLKMAX
Maximum CLK frequency
2
MHz
VIL
Input logic low
0.2 ×
VDD_I/O
0.2 ×
VDD_I/O
V
VIH
Input logic high
0.8 ×
VDD_I/O
V
ROUT
Output resistance of I/O_0 to
I/O_7
low_io = H for VDD_I/O < 2.7 V
400
800
RSYS_CLK
Output resistance of SYS_CLK
low_io = H for VDD_I/O < 2.7 V
200
400
(1)
This data was taken using the JEDEC standard high-K test PCB.
(2)
Power rating is determined with a junction temperature of 125°C. This is the temperature at which distortion starts to increase
substantially. Thermal management of the final PCB should strive to keep the junction temperature at or below 125°C for best
performance and long-term reliability.
5.5
Thermal Resistance Characteristics
PACKAGE
JC
(°C/W)
JA
(1)
(°C/W)
POWER RATING(2)
TA ≤ 25°C
TA = 85°C
RHB (32)
31
36.4
2.7 W
1.1 W


Similar Part No. - TRF7960RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960RHBR TI-TRF7960RHBR Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960RHBR TI-TRF7960RHBR Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960RHBR TI1-TRF7960RHBR Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
More results

Similar Description - TRF7960RHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF7960 TI-TRF7960_12 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960RHBTG4 TI1-TRF7960RHBTG4 Datasheet
1Mb / 51P
[Old version datasheet]   MULTI-STANDARD FULLY INTEGRATED 13.56-MHZ RFID ANALOG FRONT END AND DATA-FRAMING READER SYSTEM
TRF7960 TI-TRF7960 Datasheet
354Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7960 TI-TRF7960_07 Datasheet
278Kb / 7P
[Old version datasheet]   Multi-Standard Fully Integrated 13.56-MHz Radio Frequency Identification (RFID) Analog Front End and Data Framing Reader System
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7963A TI-TRF7963A Datasheet
2Mb / 62P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO14443A,B/NFC STANDARDS
TRF7962A TI-TRF7962A Datasheet
2Mb / 63P
[Old version datasheet]   FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC FOR ISO15693/ISO18000-3 STANDARDS
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
   OsiSense XG RFID Wand reader - 13.56 MHz
logo
Texas Instruments
TRF7970A TI1-TRF7970A Datasheet
2Mb / 83P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID/NEAR FIELD COMMUNICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com