Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61253AYFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61253AYFFT
Description  3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61253AYFFT Datasheet(HTML) 1 Page - Texas Instruments

  TPS61253AYFFT Datasheet HTML 1Page - Texas Instruments TPS61253AYFFT Datasheet HTML 2Page - Texas Instruments TPS61253AYFFT Datasheet HTML 3Page - Texas Instruments TPS61253AYFFT Datasheet HTML 4Page - Texas Instruments TPS61253AYFFT Datasheet HTML 5Page - Texas Instruments TPS61253AYFFT Datasheet HTML 6Page - Texas Instruments TPS61253AYFFT Datasheet HTML 7Page - Texas Instruments TPS61253AYFFT Datasheet HTML 8Page - Texas Instruments TPS61253AYFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SW
VIN
EN
VOUT
MODE
GND
VIN
VOUT
L
COUT
CIN
OFF
ON
Forced PWM (High)
Auto PFM (Low)
Ultrasonic (Floating)
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS61253A
SLVSDE4 – MARCH 2017
TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
1
1 Features
1
Wide Input Voltage Range from 2.3 V to 5.5 V
Fixed Output Voltage: 4.5 / 4.7 / 5.0 / 5.2 V
Two FETs Integrated: 35-mΩ LS-FET,
60-mΩ HS-FET
IOUT ≥ 1500mA continuously at VOUT = 5 V and
VIN ≥ 3 V
42-µA Quiescent Current from Input
4-A Switching Valley Current Limit
3.8-MHz Switching Frequency
Selectable Auto PFM, Forced PWM and
Ultrasonic Mode
Support Pass-Through Mode
±2% Output Voltage Accuracy
600-µs Soft-Start Time
Hiccup-Mode Short Protection
Load Disconnection during Shutdown
Thermal Shutdown
Total Solution Size < 25 mm2
Create a Custom Design Using the TPS61253A
With the WEBENCH® Power Designer
2 Applications
Smart Phones
Portable Speaker
USB Charging Ports
NFC PA Supply
Li Battery to 5-V Power Conversion
3 Description
The TPS6125xA device provides a power supply
solution for battery-powered portable applications.
With the input voltage ranging from 2.3 V to 5.5 V,
the device supports the applications powered by the
Li-Ion batteries with the extended voltage range.
Different fixed output voltage versions are available of
4.5 V, 4.7 V, 5 V and 5.2 V. The TPS6125xA
supports up to 1500-mA load current from a battery
discharged as low as 3 V.
The
TPS6125xA
operates
at
typical
3.8-MHz
switching
frequency.
The
TPS6125xA
could
be
flexibly configured at the Auto PFM mode, forced
PWM mode or ultrasonic mode. The Auto PFM mode
could benefit with the high efficiency at the light load.
The forced PWM operation can make the switching
frequency be constant crossing the whole load range.
The ultrasonic mode keeps the switching frequency
always larger than 25 kHz at any load condition to
avoid the acoustic noise.
TPS6125xA has a built-in 600-µs soft start to avoid
the inrush current at startup. When the output is
shorted, the device enters into the hiccup mode and
recovers
automatically
after
the
short
releases.
During
the
shutdown,
the
load
is
completely
disconnected from the input end with maximum 1.3-
uA current being consumed.
The TPS6125xA comes in a 9-ball 1.2-mm x 1.3-mm
WCSP package and offers a very small solution size
with the minimum amount of external components.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS6125xA
DSBGA (9)
1.2 mm x 1.3 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Schematic


Similar Part No. - TPS61253AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253AYFFT TI-TPS61253AYFFT Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS61253AYFFT TI1-TPS61253AYFFT Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
More results

Similar Description - TPS61253AYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61253A TI-TPS61253A_V01 Datasheet
2Mb / 34P
[Old version datasheet]   TPS61253A 3.8-MHz, 5-V / 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
TPS61253A TI1-TPS61253A_V02 Datasheet
1Mb / 35P
[Old version datasheet]   TPS61253A, TPS61253E 3.8-MHz, 5-V, 4-A Boost Converter in 1.2-mm x 1.3-mm WCSP
REVISED JUNE 2023
TPS62088 TI1-TPS62088 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS6283810 TI1-TPS6283810 Datasheet
1Mb / 25P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS62088 TI1-TPS62088_18 Datasheet
1Mb / 27P
[Old version datasheet]   Tiny 6-pin 3-A Step-Down Converter in 1.2-mm x 0.8-mm WCSP
TPS61170 TI-TPS61170_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS61170 1.2-A High-Voltage Boost Converter in 2-mm x 2-mm2 QFN Package
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Texas Instruments
TPS61170-Q1 TI-TPS61170-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61170-Q1 1.2-A High-Voltage Boost Converter in 2-mm 횞 2-mm SON Package
TPS62864 TI1-TPS62864 Datasheet
1Mb / 30P
[Old version datasheet]   2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
TPS62864 TI1-TPS62864_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6286x 2.4-V to 5.5-V Input, 4-A and 6-A Synchronous Step-Down Converter with I2C Interface in 1.05-mm x 1.78-mm WCSP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com