Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS6116XA Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS6116XA
Description  White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS6116XA Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS6116XA Datasheet HTML 2Page - Texas Instruments TPS6116XA Datasheet HTML 3Page - Texas Instruments TPS6116XA Datasheet HTML 4Page - Texas Instruments TPS6116XA Datasheet HTML 5Page - Texas Instruments TPS6116XA Datasheet HTML 6Page - Texas Instruments TPS6116XA Datasheet HTML 7Page - Texas Instruments TPS6116XA Datasheet HTML 8Page - Texas Instruments TPS6116XA Datasheet HTML 9Page - Texas Instruments TPS6116XA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
TPS61160A, TPS61161A
SLVS937C – MARCH 2009 – REVISED JULY 2016
www.ti.com
Product Folder Links: TPS61160A TPS61161A
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
6.6 Electrical Characteristics
VIN = 3.6 V, CTRL = VIN; for Min/Max values TA = –40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VI
Input voltage range, VIN
2.7
18
V
IQ
Operating quiescent current into VIN
Device PWM switching no load
1.8
mA
ISD
Shutdown current
CRTL = GND, VIN = 4.2 V
1
μA
UVLO
Undervoltage lockout threshold
VIN falling
2.2
2.5
V
Vhys
Undervoltage lockout hysteresis
70
mV
ENABLE AND REFERENCE CONTROL
V(CTRLh)
CTRL logic high voltage
VIN = 2.7 V to 18 V
1.2
V
V(CTRLl)
CTRL logic low voltage
VIN = 2.7 V to 18 V
0.4
V
R(CTRL)
CTRL pull down resistor
400
800
1600
k
toff
CTRL pulse width to shutdown
CTRL high to low
2.5
ms
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
196
200
204
mV
V(REF_PWM)
Voltage feedback regulation voltage
under brightness control
VFB = 50 mV
47
50
53
mV
VFB = 20 mV
17
20
23
IFB
Voltage feedback input bias current
VFB = 200 mV
2
μA
fS
Oscillator frequency
500
600
700
kHz
Dmax
Maximum duty cycle
VFB = 100 mV
90%
93%
tmin_on
Minimum on pulse width
40
ns
Isink
Comp pin sink current
100
μA
Isource
Comp pin source current
100
μA
Gea
Error amplifier transconductance
240
320
400
μmho
Rea
Error amplifier output resistance
6
M
fea
Error amplifier crossover frequency
5 pF connected to COMP
500
kHz
POWER SWITCH
RDS(on)
N-channel MOSFET on-resistance
VIN = 3.6 V
0.3
0.6
VIN = 3 V
0.7
ILN_NFET
N-channel leakage current
VSW = 35 V, TA = 25°C
1
μA
OC and OLP
ILIM
N-Channel MOSFET current limit
D = Dmax
0.56
0.7
0.84
A
ILIM_Start
Start up current limit
D = Dmax
0.4
A
tHalf_LIM
Time step for half current limit
5
ms
Vovp
Open LED protection threshold
Measured on the SW pin,
TPS61160A
TPS61161A
25
37
26
38
27
39
V
V(FB_OVP)
Open LED protection threshold on FB
Measured on the FB pin, percentage
of Vref,
Vref = 200 mV and 20 mV
50%
tREF
VREF filter time constant
180
μs
tstep
VREF ramp up time
213
μs
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
Thysteresis
Thermal shutdown threshold hysteresis
15
°C


Similar Part No. - TPS6116XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS6116X TI1-TPS6116X Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS6116XA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI1-TPS61160A_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160 TI1-TPS61160_17 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Texas Instruments
TLV758P TI1-TLV758P Datasheet
754Kb / 16P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
TLV758P TI1-TLV758P_18 Datasheet
1Mb / 22P
[Old version datasheet]   500-mA LDO in Small 2-mm x 2-mm WSON Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
TLV759P TI1-TLV759P Datasheet
749Kb / 16P
[Old version datasheet]   1-A LDO in a Small 2-mm x 2-mm WSON Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS746 TI1-TPS746_18 Datasheet
1Mb / 22P
[Old version datasheet]   1-A LDO With Power-Good in a Small 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com