Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLUS642 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLUS642
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLUS642 Datasheet(HTML) 5 Page - Texas Instruments

  SLUS642 Datasheet HTML 1Page - Texas Instruments SLUS642 Datasheet HTML 2Page - Texas Instruments SLUS642 Datasheet HTML 3Page - Texas Instruments SLUS642 Datasheet HTML 4Page - Texas Instruments SLUS642 Datasheet HTML 5Page - Texas Instruments SLUS642 Datasheet HTML 6Page - Texas Instruments SLUS642 Datasheet HTML 7Page - Texas Instruments SLUS642 Datasheet HTML 8Page - Texas Instruments SLUS642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-50
-25
0
25
50
75
100
125
1.6
1.7
1.9
1.5
2.0
2.1
1.8
T
JunctionTemperature
C
°
J -
-
V
5.25V
BP
=
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
140
T
JunctionTemperature
C
°
J -
-
V
PVDDx
12V
=
V
PVDDx
4.5V
=
V
28V
PVDDx
=
3.6
3.7
3.8
3.9
4.1
4.2
4.0
UVLO(Off)
UVLO(On)
-50
-25
0
25
50
75
100
125
T
JunctionTemperature
C
°
J -
-
1.15
1.17
1.21
1.23
1.19
1.25
-50
-25
0
25
50
75
100
125
EN(Off)
EN(On)
T
JunctionTemperature
C
°
J -
-
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
QUIESCENT CURRENT (NON-SWITCHING)
SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 1.
Figure 2.
UNDERVOLTAGE LOCKOUT THRESHOLD
ENABLE THRESHOLDS
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 3.
Figure 4.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS54283 TPS54286


Similar Part No. - SLUS642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUS642 TI1-SLUS642 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
More results

Similar Description - SLUS642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54283 TI-TPS54283 Datasheet
1Mb / 52P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54283 TI-TPS54283_15 Datasheet
1Mb / 55P
[Old version datasheet]   2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54386-Q1 TI1-TPS54386-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS54383 TI-TPS54383 Datasheet
1Mb / 52P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
TPS55383 TI-TPS55383_15 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI1-TPS55383_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS55383 TI-TPS55383 Datasheet
920Kb / 41P
[Old version datasheet]   3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
TPS54383 TI-TPS54383_15 Datasheet
1Mb / 56P
[Old version datasheet]   TPS5438x Dual 3-A Non-Synchronous Converters With Integrated High-Side MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com