Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54622 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54622
Description  4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT Converter With Hiccup Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54622 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TPS54622 Datasheet HTML 31Page - Texas Instruments TPS54622 Datasheet HTML 32Page - Texas Instruments TPS54622 Datasheet HTML 33Page - Texas Instruments TPS54622 Datasheet HTML 34Page - Texas Instruments TPS54622 Datasheet HTML 35Page - Texas Instruments TPS54622 Datasheet HTML 36Page - Texas Instruments TPS54622 Datasheet HTML 37Page - Texas Instruments TPS54622 Datasheet HTML 38Page - Texas Instruments TPS54622 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Apr-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN1208058RHLR
ACTIVE
VQFN
RHL
14
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 150
54622
TPS54622RHLR
ACTIVE
VQFN
RHL
14
3000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 150
54622
TPS54622RHLT
ACTIVE
VQFN
RHL
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 150
54622
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and


Similar Part No. - TPS54622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54622 TI-TPS54622 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622 TI-TPS54622 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622-EP TI-TPS54622-EP Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
TPS54622-EP TI-TPS54622-EP Datasheet
1Mb / 42P
[Old version datasheet]   TPS54622-EP 17-V Input, 6-A Output Synchronous Step Down Switcher
More results

Similar Description - TPS54622

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54622 TI-TPS54622_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54622 4.5-V to 17-V Input, 6-A Synchronous Step-Down SWIFT??Converter With Hiccup Protection
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215OA TI1-TPS568215OA Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com