Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54418RTET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54418RTET
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54418RTET Datasheet(HTML) 4 Page - Texas Instruments

  TPS54418RTET Datasheet HTML 1Page - Texas Instruments TPS54418RTET Datasheet HTML 2Page - Texas Instruments TPS54418RTET Datasheet HTML 3Page - Texas Instruments TPS54418RTET Datasheet HTML 4Page - Texas Instruments TPS54418RTET Datasheet HTML 5Page - Texas Instruments TPS54418RTET Datasheet HTML 6Page - Texas Instruments TPS54418RTET Datasheet HTML 7Page - Texas Instruments TPS54418RTET Datasheet HTML 8Page - Texas Instruments TPS54418RTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
TPS54418
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
EN, PWRGD, VIN
–0.3
7
RT/CLK
–0.3
6
Input voltage
V
COMP, SS, VSENSE
–0.3
3
BOOT
VPH+ 8 V
BOOT-PH
8
Output voltage
PH
–0.6
7
V
PH (10 ns transient)
–2
7
Source current
EN, RT/CLK
100
µA
COMP, SS
100
µA
Sink current
PWRGD
10
mA
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
V(ESD)
Electrostatic discharge
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±500
V
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VVIN
Input voltage
3
6
V
TJ
Operating junction temperature
–40
150
°C
7.4 Thermal Information
(1)
TPS54418
THERMAL METRIC(2)
RTE (WQFN)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
50
RθJA
Junction-to-ambient thermal resistance (3)
37
RθJC(top)
Junction-to-case (top) thermal resistance
59.1
RθJB
Junction-to-board thermal resistance
23.1
°C/W
ψJT
Junction-to-top characterization parameter
1.4
ψJB
Junction-to-board characterization parameter
23.1
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.9
(1)
Unless otherwise specified, metrics listed in this table refer to JEDEC high-K board measurements
(2)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(3)
Test Board Conditions:
(a) 2 inches × 2 inches, 4 layers, thickness: 0.062 inch
(b) 2 oz. copper traces located on the top of the PCB
(c) 2 oz. copper ground planes located on the two internal layers and bottom layer
(d) 4 thermal vias (10 mil) located under the device package
4
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: TPS54418


Similar Part No. - TPS54418RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418RTET TI-TPS54418RTET Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54418RTET TI-TPS54418RTET Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418RTET TI-TPS54418RTET Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
More results

Similar Description - TPS54418RTET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com