Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54226PWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54226PWPR
Description  4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54226PWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54226PWPR Datasheet HTML 2Page - Texas Instruments TPS54226PWPR Datasheet HTML 3Page - Texas Instruments TPS54226PWPR Datasheet HTML 4Page - Texas Instruments TPS54226PWPR Datasheet HTML 5Page - Texas Instruments TPS54226PWPR Datasheet HTML 6Page - Texas Instruments TPS54226PWPR Datasheet HTML 7Page - Texas Instruments TPS54226PWPR Datasheet HTML 8Page - Texas Instruments TPS54226PWPR Datasheet HTML 9Page - Texas Instruments TPS54226PWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SW
VBST
EN
VO
VFB
GND
PGND
VO
4
6
9
10
11
1
2
7
12
VIN
SS
VIN
VREG5
EN
Logic
UV
OV
Protection
Logic
Ref
SS
UV
OV
UVLO
UVLO
Softstart
SS
REF
TSD
Ref
VREG5
5
PG
1mF
13
8
VCC
Ceramic
Capacitor
3
SGND
SGND
PGND
VCC
+20%
-10%
Ref
VREG5
Control logic
1 shot
XCON
-30%
OCP
SW
PGND
ZC
SW
PGND
14
VREG5
TPS54226
SLVSA14E
– OCTOBER 2009 – REVISED JULY 2011
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
A.
Block diagram shown is for PWP 14 pin package. QFN 16 pin package block diagram is identical except for pin out.
OVERVIEW
The TPS54226 is a 2-A synchronous step-down (buck) converter with two integrated N-channel MOSFETs and
Auto-Skip Eco-Mode
™ to improve light lode efficiency. It operates using D-CAP2™ mode control. The fast
transient response of D-CAP2
™ control reduces the output capacitance required to meet a specific level of
performance. Proprietary internal circuitry allows the use of low ESR output capacitors including ceramic and
special polymer types.
DETAILED DESCRIPTION
PWM Operation
The main control loop of the TPS54226 is an adaptive on-time pulse width modulation (PWM) controller that
supports a proprietary D-CAP2
™ mode control. D-CAP2™ mode control combines constant on-time control with
an internal compensation circuit for pseudo-fixed frequency and low external component count configuration with
both low ESR and ceramic output capacitors. It is stable even with virtually no ripple at the output.
At the beginning of each cycle, the high-side MOSFET is turned on. This MOSFET is turned off after internal one
6
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): TPS54226


Similar Part No. - TPS54226PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226PWPR TI-TPS54226PWPR Datasheet
725Kb / 21P
[Old version datasheet]   4.5V to 18V Input 2-A Synchronous Step-Down SWIFTTM Converter with Light Load Efficiency
TPS54226PWPR TI1-TPS54226PWPR Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
More results

Similar Description - TPS54226PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54226 TI1-TPS54226_12 Datasheet
1Mb / 28P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54226 TI-TPS54226_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode?
TPS54225-Q1 TI-TPS54225-Q1_15 Datasheet
838Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225-Q1 TI1-TPS54225-Q1 Datasheet
817Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI1-TPS54225 Datasheet
849Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54225 TI-TPS54225_15 Datasheet
1,012Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54229E TI-TPS54229E_15 Datasheet
741Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com