Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54418 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS54418
Description  2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT)
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54418 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54418_17 Datasheet HTML 1Page - Texas Instruments TPS54418_17 Datasheet HTML 2Page - Texas Instruments TPS54418_17 Datasheet HTML 3Page - Texas Instruments TPS54418_17 Datasheet HTML 4Page - Texas Instruments TPS54418_17 Datasheet HTML 5Page - Texas Instruments TPS54418_17 Datasheet HTML 6Page - Texas Instruments TPS54418_17 Datasheet HTML 7Page - Texas Instruments TPS54418_17 Datasheet HTML 8Page - Texas Instruments TPS54418_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
VIN
GND
GND
PH
PH
SS
PH
1
4
3
2
16
15
14
13
12
9
10
11
5
6
7
8
Thermal
Pad
VIN
TPS54418
www.ti.com
SLVS946D – SEPTEMBER 2009 – REVISED DECEMBER 2014
6 Pin Configuration and Functions
RTE (WQFN) PACKAGE
16 PINS
(TOP VIEW)
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
5
G
Analog ground should be electrically connected to GND close to the device.
A bootstrap capacitor is required between BOOT and PH. If the voltage on this capacitor is below the
BOOT
13
I
minimum required by the BOOT UVLO, the output is forced to switch off until the capacitor is refreshed.
Error amplifier output, and input to the output switch current comparator. Connect frequency
COMP
7
O
compensation components to this pin.
Enable pin, internal pull-up current source. Pull below 1.2 V to disable. Float to enable. Can be used to
EN
15
I
set the on/off threshold (adjust UVLO) with two additional resistors.
3
GND
G
Power ground. This pin should be electrically connected directly to the power pad under the device.
4
10
The source of the internal high-side power MOSFET, and drain of the internal low-side (synchronous)
PH
11
O
rectifier MOSFET.
12
An open drain output, asserts low if output voltage is low due to thermal shutdown, overcurrent,
PWRGD
14
O
over/under-voltage or EN shut down.
RT/CLK
8
I/O
Resistor Timing or External Clock input pin.
SS
9
I/O
Slow-start. An external capacitor connected to this pin sets the output voltage rise time. Soft
1
VIN
2
I
Input supply voltage, 2.95 V to 6 V.
16
VSENSE
6
I
Inverting node of the transconductance (gm) error amplifier.
GND pin should be connected to the exposed power pad for proper operation. This power pad should
Thermal Pad
G
be connected to any internal PCB ground plane using multiple vias for good thermal performance.
(1)
I = Input, O = Output, G = Ground
Copyright © 2009–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS54418


Similar Part No. - TPS54418_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
More results

Similar Description - TPS54418_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54478 TI-TPS54478_15 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57114-Q1 TI1-TPS57114-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418A TI1-TPS54418A Datasheet
1Mb / 40P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54618RTET TI-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54618RTET TI1-TPS54618RTET Datasheet
1Mb / 39P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS57112-Q1 TI1-TPS57112-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54418 2.95-V to 6-V Input, 4-A Output, 2-MHz , Synchronous Step-Down Switcher With Integrated FETs (SWIFT??
TPS54319 TI-TPS54319 Datasheet
956Kb / 32P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
TPS54319 TI-TPS54319_1 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 3-A Output, 2-MHz, Synchronous Step-Down Switcher With Integrated FETs ( SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com