Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS53355DQPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53355DQPT
Description  High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53355DQPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53355DQPT Datasheet HTML 4Page - Texas Instruments TPS53355DQPT Datasheet HTML 5Page - Texas Instruments TPS53355DQPT Datasheet HTML 6Page - Texas Instruments TPS53355DQPT Datasheet HTML 7Page - Texas Instruments TPS53355DQPT Datasheet HTML 8Page - Texas Instruments TPS53355DQPT Datasheet HTML 9Page - Texas Instruments TPS53355DQPT Datasheet HTML 10Page - Texas Instruments TPS53355DQPT Datasheet HTML 11Page - Texas Instruments TPS53355DQPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
1
10
100
1000
0.01
0.1
1
10
100
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 300 kHz
1
10
100
1000
0.01
0.1
1
10
100
Output Current (A)
FCCM
Skip Mode
VIN = 12 V
VOUT = 1.1 V
fSW = 500 kHz
0
2
4
6
8
10
12
14
16
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 12 V
0
20
40
60
80
100
120
140
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
OVP
UVP
0
100
200
300
400
500
600
700
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VEN = 5V
VVDD = 12 V
VVFB = 0.63 V
No Load
0
1
2
3
4
5
6
7
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VEN = 0 V
VVDD = 12 V
No Load
8
TPS53355
SLUSAE5D – AUGUST 2011 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TPS53355
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
For VOUT = 5 V, a 744355182 inductor is used. For 1 ≤ VOUT ≤ 3.3 V, a PA0513.441 inductor is used.
Figure 1. VDD Supply Current vs. Junction Temperature
Figure 2. VDD Shutdown Current vs. Junction Temperature
Figure 3. TRIP Pin Current vs. Junction Temperature
Figure 4. OVP/UVP Trip Threshold vs. Junction Temperature
Figure 5. Switching Frequency vs. Output Current
Figure 6. Switching Frequency vs. Output Current


Similar Part No. - TPS53355DQPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53355DQPT TI1-TPS53355DQPT Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355DQPT TI1-TPS53355DQPT Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
More results

Similar Description - TPS53355DQPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355 Datasheet
977Kb / 29P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck Converter with Eco-mode?
TPS53355 TI-TPS53355_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53355 High-Efficiency 30-A Synchronous Buck Converter With Eco-mode?
TPS53353 TI1-TPS53353 Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353 TI-TPS53353_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS53353 High-Efficiency 20-A Synchronous Buck Converter With Eco-mode?
TPS53318 TI-TPS53318 Datasheet
1Mb / 34P
[Old version datasheet]   High-Efficiency 8-A or 14-A Synchronous Buck Converter with Eco-mode
TPS53318 TI-TPS53318_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS5331x High-Efficiency, 8-A or 14-A, Synchronous Buck Converter with Eco-mode Control
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com