Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51275CRUKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51275CRUKT
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51275CRUKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51275CRUKT Datasheet HTML 6Page - Texas Instruments TPS51275CRUKT Datasheet HTML 7Page - Texas Instruments TPS51275CRUKT Datasheet HTML 8Page - Texas Instruments TPS51275CRUKT Datasheet HTML 9Page - Texas Instruments TPS51275CRUKT Datasheet HTML 10Page - Texas Instruments TPS51275CRUKT Datasheet HTML 11Page - Texas Instruments TPS51275CRUKT Datasheet HTML 12Page - Texas Instruments TPS51275CRUKT Datasheet HTML 13Page - Texas Instruments TPS51275CRUKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
( )
(
)
-
´
=
´
´ ´
IN
OUT
OUT
OUT LL
SW
IN
V
V
V
1
I
2
L
f
V
TPS51275, TPS51275B, TPS51275C
SLUSB45B – JUNE 2012 – REVISED MARCH 2013
www.ti.com
DETAILED DESCRIPTION
PWM Operations
The main control loop of the switch mode power supply (SMPS) is designed as an adaptive on-time pulse width
modulation (PWM) controller. It supports a proprietary D-CAP™ mode. D-CAP™ mode does not require external
conpensation circuit and is suitable for low external component count configuration when used with appropriate
amount of ESR at the output capacitor(s).
At the beginning of each cycle, the synchronous high-side MOSFET is turned on, or enters the ON state. This
MOSFET is turned off, or enters the ‘OFF state, after the internal, one-shot timer expires. The MOSFET is turned
on again when the feedback point voltage, VVFB, decreased to match the internal 2-V reference. The inductor
current information is also monitored and should be below the overcurrent threshold to initiate this new cycle. By
repeating the operation in this manner, the controller regulates the output voltage. The synchronous low-side
(rectifying) MOSFET is turned on at the beginning of each OFF state to maintain a minimum of conduction loss.
The low-side MOSFET is turned off before the high-side MOSFET turns on at next switching cycle or when
inductor current information detects zero level. This enables seamless transition to the reduced frequency
operation during light-load conditions so that high efficiency is maintained over a broad range of load current.
Adaptive On-Time/ PWM Frequency Control
Because the TPS51275/B/C does not have a dedicated oscillator for control loop on board, switching cycle is
controlled by the adaptive on-time circuit. The on-time is controlled to meet the target switching frequency by
feed-forwarding the input and output voltage into the on-time one-shot timer. The target switching frequency is
varied according to the input voltage to achieve higher duty operation for lower input voltage application. The
switching frequency of CH1 (5-V output) is 300 kHz during continuous conduction mode (CCM) operation when
VIN = 20 V. The CH2 (3.3-V output) is 355 kHz during CCM when VIN = 20 V. (See Figure 27 and Figure 28).
To improve load transient performance and load regulation in lower input voltage conditions, TPS51275/B/C can
extend the on-time. The maximum on-time extension of CH1 is 4 times for CH2 is 3 times. To maintain a
reasonable inductor ripple current during on-time extension, the inductor ripple current should be set to less than
half of the OCL (valley) threshold. (See Step 2. Choose the Inductor). The on-time extension function provides
high duty cycle operation and shows better DC (static) performance. AC performance is determined mostly by
the output LC filter and resistive factor in the loop.
Light Load Condition in Auto-Skip Operation (TPS51275/C)
The TPS51275/C automatically reduces switching frequency during light-load conditions to maintain high
efficiency. This reduction of frequency is achieved smoothly and without an increase in output voltage ripple. A
more detailed description of this operation is as follows. As the output current decreases from heavy-load
condition, the inductor current is also reduced and eventually approaches valley zero current, which is the
boundary between continuous conduction mode and discontinuous conduction mode. The rectifying MOSFET is
turned off when this zero inductor current is detected. As the load current further decreases, the converter runs in
discontinuous conduction mode and it takes longer and longer to discharge the output capacitor to the level that
requires the next ON cycle. The ON time is maintained the same as that in the heavy-load condition. In reverse,
when the output current increase from light load to heavy load, the switching frequency increases to the preset
value as the inductor current reaches to the continuous conduction. The transition load point to the light load
operation IOUT(LL) (i.e. the threshold between continuous and discontinuous conduction mode) can be calculated
as shown in Equation 1.
where
fSW is the PWM switching frequency
(1)
Switching frequency versus output current during light-load conditions is a function of inductance (L), input
voltage (VIN) and output voltage (VOUT), but it decreases almost proportional to the output current from the
IOUT(LL).
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - TPS51275CRUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275CRUKT TI1-TPS51275CRUKT Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275CRUKT TI-TPS51275CRUKT Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51275CRUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI-TPS51275_13 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com