Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2TPE330M9 Datasheet(PDF) 3 Page - Texas Instruments

Part # 2TPE330M9
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

2TPE330M9 Datasheet(HTML) 3 Page - Texas Instruments

  2TPE330M9 Datasheet HTML 1Page - Texas Instruments 2TPE330M9 Datasheet HTML 2Page - Texas Instruments 2TPE330M9 Datasheet HTML 3Page - Texas Instruments 2TPE330M9 Datasheet HTML 4Page - Texas Instruments 2TPE330M9 Datasheet HTML 5Page - Texas Instruments 2TPE330M9 Datasheet HTML 6Page - Texas Instruments 2TPE330M9 Datasheet HTML 7Page - Texas Instruments 2TPE330M9 Datasheet HTML 8Page - Texas Instruments 2TPE330M9 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
TPS51518
www.ti.com
SLUSAO8
– DECEMBER 2011
RECOMMENDED OPERATING CONDITIONS
(1) (2)
VALUE
MIN
MAX
UNIT
Supply voltage
V5IN
4.50
5.25
V
BST
–0.1
33.5
BST(1)
–0.1
5.5
SW
–3
28
SW(2)
–4.5
28.0
Input voltage range
V
EN, TRIP, MODE, VID1, VID0
–0.1
5.5
SLEW, VSNS
–0.1
3.5
GSNS
–0.3
0.3
GND
–0.1
0.1
DRVH
–3.0
33.5
DRVH(2)
–4.5
33.5
DRVH(1)
–0.1
5.5
Output voltage range
–0.1
5.5
V
DRVL
transient
< 20 ns
–1.5
5.5
PGOOD
–0.1
5.5
VREF, V0, V1, V2, V3
–0.1
3.5
Operating free-air temperature, TA
–10
105
°C
(1)
Voltage values are with respect to the SW terminal.
(2)
This voltage should be applied for less than 30% of the repetitive period.
THERMAL INFORMATION
TPS51518
THERMAL METRIC(1)
UNITS
RUK (20) PINS
θJA
Junction-to-ambient thermal resistance
94.1
θJCtop
Junction-to-case (top) thermal resistance
58.1
θJB
Junction-to-board thermal resistance
64.3
°C/W
ψJT
Junction-to-top characterization parameter
31.8
ψJB
Junction-to-board characterization parameter
58.0
θJCbot
Junction-to-case (bottom) thermal resistance
5.9
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS51518


Similar Part No. - 2TPE330M9

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2TPE330MADGB PANASONIC-2TPE330MADGB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
2TPE330MADGB PANASONIC-2TPE330MADGB Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
2TPE330MADGB PANASONIC-2TPE330MADGB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
2TPE330MAFB PANASONIC-2TPE330MAFB Datasheet
295Kb / 2P
   Conductive Polymer Tantalum Solid Capacitors
02 Oct. 2017
2TPE330MAFB PANASONIC-2TPE330MAFB Datasheet
792Kb / 8P
   Conductive Polymer Tantalum Solid Capacitors
28-Apr-22
More results

Similar Description - 2TPE330M9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com