Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51518 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51518
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51518 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS51518 Datasheet HTML 11Page - Texas Instruments TPS51518 Datasheet HTML 12Page - Texas Instruments TPS51518 Datasheet HTML 13Page - Texas Instruments TPS51518 Datasheet HTML 14Page - Texas Instruments TPS51518 Datasheet HTML 15Page - Texas Instruments TPS51518 Datasheet HTML 16Page - Texas Instruments TPS51518 Datasheet HTML 17Page - Texas Instruments TPS51518 Datasheet HTML 18Page - Texas Instruments TPS51518 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
20
5
gM= 60 mS
VSNS
V0
6
VREF
Control
Logic
and
Driver
R1
R2
13
14
DH
DL
+
2.0 V
VIN
Lx
ESR
COUT
RLOAD
UDG-11264
VOUT
19
SLEW
+
PWM
+
-
C1
VSNS
=
£
p ´
´
SW
0
OUT
f
1
f
2
ESR
C
3
TPS51518
www.ti.com
SLUSAO8
– DECEMBER 2011
MODE Pin Configuration
The TPS51518 reads the MODE pin voltage when the EN signal is raised high and stores the status in a
register.Table 2 shows the MODE connection, corresponding control topology.
Table 2. Mode States
MODE PIN CONNECTION
CONTROL TOPOLOGY
CURRENT SENSE
fSW (KHz)
GND
D-CAP
RDS(on)
350
5-V Supply
D-CAP2
D-CAP
™ Mode
Figure 23 shows a simplified model of D-CAP
™ mode architecture in the TPS51518.
Figure 23. D-CAP
™ Mode Application
The transconductance (gM) amplifier and SLEW capacitor (C1) forms an integrator. The ripple voltage generated
by ESR of the output capacitor is inversed and averaged by the integrator. The small AC component is
superimposed onto otherwise DC information and forms a reference input at the PWM comparator. As long as
the integrator time constant is much larger than the inverse of the loop crossover frequency, the AC component
is negligible. The VSNS voltage is directly compared to the SLEW voltage at the PWM comparator. The PWM
comparator creates a set signal to turn on the high side MOSFET each cycle.
The PWM comparator creates a set signal to turn on the high-side MOSFET each cycle. The D-CAP
™ mode
offers flexibility on output inductance and capacitance selections with ease-of-use without complex feedback loop
calculation and external components. However, it does require sufficient amount of ESR that represents inductor
current information for stable operation and good jitter performance. Organic semiconductor capacitor(s) or
specialty polymer capacitor(s) are recommended.
The requirement for loop stability is simple and is described in Equation 3. The 0-dB frequency, f0, is
recommended to be lower than 1/3 of the switching frequency to secure proper phase margin. The integrator
time constant should be long enough compared to f0, for example one decade low, as described in Equation 4.
where
ESR is the effective series resistance of the output capacitor
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TPS51518


Similar Part No. - TPS51518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518RUKR TI1-TPS51518RUKR Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518RUKT TI1-TPS51518RUKT Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
More results

Similar Description - TPS51518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com