Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51518 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51518
Description  Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51518 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS51518 Datasheet HTML 14Page - Texas Instruments TPS51518 Datasheet HTML 15Page - Texas Instruments TPS51518 Datasheet HTML 16Page - Texas Instruments TPS51518 Datasheet HTML 17Page - Texas Instruments TPS51518 Datasheet HTML 18Page - Texas Instruments TPS51518 Datasheet HTML 19Page - Texas Instruments TPS51518 Datasheet HTML 20Page - Texas Instruments TPS51518 Datasheet HTML 21Page - Texas Instruments TPS51518 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
æ
ö
=
´ ç
÷
è
ø
TRIP
OCTRIP
TRIP
I
V
R
8
(
)
(
)
æ
ö
æ
ö
-
ç
÷
ç
÷
=
+
=
+
´
´
ç
÷
ç
÷
´
è
ø
è
ø
IND(ripple)
OCTRIP
OCTRIP
IN
OUT
OUT
OCL
X
SW
IN
DS on
DS on
I
V
V
V
V
V
1
I
R
2
R
2
L
f
V
TPS51518
SLUSAO8
– DECEMBER 2011
www.ti.com
Out-of-Bound Operation
When the output voltage rises to 8% above the target value, the out-of-bound operation starts. During the
out-of-bound condition, the controller operates in forced PWM-only mode. Turning on the low-side MOSFET
beyond the zero inductor current quickly discharges the output capacitor. During this operation, the
cycle-by-cycle negative overcurrent limit is also valid. Once the output voltage returns to within regulation range,
the controller resumes to auto-skip mode.
Current Sensing
In order to provide both cost effective solution and good accuracy, TPS51518 supports MOSFET RDS(on) sensing.
For RDS(on) sensing scheme, TRIP pin should be connected to GND through the trip voltage setting resistor,
RTRIP. In this scheme, TRIP terminal sources 10µA of ITRIP current (at TA = 25°C) and the trip level is set to 1/8 of
the voltage across the RTRIP. The inductor current is monitored by the voltage between the GND pin and the SW
pin so that the SW pin is connected to the drain terminal of the low-side MOSFET. ITRIP has a 4700ppm/°C
temperature slope to compensate the temperature dependency of the RDS(on). GND is used as the positive
current sensing node so that GND should be connected to the sense resistor or the source terminal of the
low-side MOSFET.
Overcurrent Protection
TPS51518 has cycle-by-cycle overcurrent limiting protection. The inductor current is monitored during the
off-state and the controller maintains the off-state when the inductor current is larger than the overcurrent trip
level. The overcurrent trip level, VOCTRIP, is determined by Equation 8.
(8)
Because the comparison is made during the off-state, VOCTRIP sets the valley level of the inductor current. The
load current OCL level, IOCL, can be calculated by considering the inductor ripple current.
Overcurrent limiting using RDS(on) sensing is shown in Equation 9.
where
IIND(ripple) is inductor ripple current
(9)
In an overcurrent condition, the current to the load exceeds the current to the output capacitor, thus the output
voltage tends to fall down. Eventually, it crosses the undervoltage protection threshold and shuts down.
Overvoltage and Undervoltage Protection
The TPS51518 sets the overvoltage protection (OVP) when VSNS voltage reaches a level 20% (typ) higher than
the target voltage. When an OV event is detected, the controller changes the output target voltage to 0 V. This
usually turns off DRVH and forces DRVL to be on. When the inductor current begins to flow through the low-side
MOSFET and reaches the negative OCL, DRVL is turned off and DRVH is turned on, for a minimum on-time.
After the minimum on-time expires, DRVH is turned off and DRVL is turned on again. This action minimizes the
output node undershoot due to LC resonance. When the VSNS reaches 0 V, the driver output is latched as
DRVH off, DRVL on.
The undervoltage protection (UVP) latch is set when the VSNS voltage remains lower than 68% (typ) of the
REFIN voltage for 1 ms or longer. In this fault condition, the controller latches DRVH low and DRVL low and
discharges the VOUT. UVP detection function is enabled after 1.2 ms of SMPS operation to ensure startup.
To release the OVP and UVP latches, toggle EN or adjust the V5IN voltage down and up beyond the
undervoltage lockout threshold.
V5IN Undervoltage Lockout Protection
TPS51518 has a 5-V supply undervoltage lockout protection (UVLO) threshold. When the V5IN voltage is lower
than UVLO threshold voltage, typically 4.0 V, VOUT is shut off. This is a non-latch protection.
18
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS51518


Similar Part No. - TPS51518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518RUKR TI1-TPS51518RUKR Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518RUKT TI1-TPS51518RUKT Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
More results

Similar Description - TPS51518

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51518 TI1-TPS51518 Datasheet
3Mb / 34P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51518 TI-TPS51518_15 Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP??and D-CAP2??Controller with 2-Bit Flexible VID Control
TPS51215A TI1-TPS51215A_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
TPS51215A TI1-TPS51215A Datasheet
1Mb / 36P
[Old version datasheet]   TPS51215A Single Phase, D-CAP2TM Controller with 2-Bit VID Control and Low Power Mode
logo
Richtek Technology Corp...
RT8113 RICHTEK-RT8113 Datasheet
366Kb / 21P
   Single Phase VR11.1 PWM Controller with 7-bit VID
logo
Texas Instruments
TPS51513 TI1-TPS51513_16 Datasheet
1Mb / 39P
[Old version datasheet]   SINGLE PHASE, D-CAP SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
logo
Linear Technology
LTC1703 LINER-LTC1703 Datasheet
343Kb / 36P
   Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com