Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51362RVER Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51362RVER
Description  22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51362RVER Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS51362RVER Datasheet HTML 5Page - Texas Instruments TPS51362RVER Datasheet HTML 6Page - Texas Instruments TPS51362RVER Datasheet HTML 7Page - Texas Instruments TPS51362RVER Datasheet HTML 8Page - Texas Instruments TPS51362RVER Datasheet HTML 9Page - Texas Instruments TPS51362RVER Datasheet HTML 10Page - Texas Instruments TPS51362RVER Datasheet HTML 11Page - Texas Instruments TPS51362RVER Datasheet HTML 12Page - Texas Instruments TPS51362RVER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G005
1.03
1.04
1.05
1.06
1.07
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G006
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.35V
G003
600
650
700
750
800
850
900
950
1000
1
2
3
4
5
6
7
8
9
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G004
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.05V
G001
50
60
70
80
90
100
0.001
0.01
0.1
1
10
Output Current (A)
VIN = 7.4V
VIN = 11.1V
VIN = 20V
fSW = 800kHz
LOUT = 0.33µH
TA = 25°C
VOUT = 1.2V
G002
TPS51362
www.ti.com
SLUSBB6A – FEBRUARY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 1.
Figure 2.
EFFICIENCY
FREQUENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 3.
Figure 4.
FREQUENCY
OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS51362


Similar Part No. - TPS51362RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362RVER TI-TPS51362RVER Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
More results

Similar Description - TPS51362RVER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51363 TI-TPS51363 Datasheet
1Mb / 32P
[Old version datasheet]   22-V Input, 8-A or 10-A Converter With Integrated FET
TPS51397A TI-TPS51397A Datasheet
2Mb / 36P
[Old version datasheet]   TPS51397A 4.5-V to 24-V, 10-A Synchronous Buck Converter with ULQ??Operation
TPS61222-EP TI1-TPS61222-EP_16 Datasheet
961Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-A QUIESCENT CURRENT
TPS61222-EP TI-TPS61222-EP_15 Datasheet
926Kb / 20P
[Old version datasheet]   LOW INPUT VOLTAGE, 0.7-V BOOST CONVERTER WITH 5.5-關A QUIESCENT CURRENT
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS61022 TI1-TPS61022_19 Datasheet
2Mb / 30P
[Old version datasheet]   8-A Boost converter with 0.5-V ultra-low input voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com