Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CB-12AP-03 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CB-12AP-03
Description  Connection leads竊싷섟,竊?竊
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CB-12AP-03 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CB-12AP-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
121
CB-09GP
CB-09H
CB-12AP-03
φ12×8.5mm
■周波数特性/ Frequency
characteristics
■周波数特性/ Frequency
characteristics
■仕様/Specifications
定格電圧
Rated
(V)
5
音圧
Sound
(dB)
min.85
(at 10cm)
直流抵抗
DC resistance
(Ω)
25
voltage
pressure level
typ.90
平均消費電流
Average current
(mA)
max.100
駆動周波数
Driving
(Hz)
2,700
動作電圧範囲
Operating
(VDC)
1.1∼ 6
consumption
frequency
voltage range
★3V, 2.700Hz, 1/2 duty, 方形波/★At 3V, 2,700Hz, 1/2 duty, square wave
接続リード/Connection leads:P,W,N
φ9×5.5mm
φ9×4mm
接続リード/Connection leads:P,W,N
■仕様/Specifications
定格電圧
Rated
(V)
3
音圧
Sound
(dB)
min.85
(at 10cm)
直流抵抗
DC resistance
(Ω)
18
voltage
pressure level
typ.90
平均消費電流
Average current
(mA)
max.70
駆動周波数
Driving
(Hz)
2,700
動作電圧範囲
Operating
(VDC)
1.1∼4
consumption
frequency
voltage range
★5V, 2.700Hz, 1/2 duty, 方形波/★At 5V, 2,700Hz, 1/2 duty, square wave
接続リード/Connection leads:P,W,N
■仕様/Specifications
定格電圧
Rated
(V)
1.5
音圧
Sound
(dB)
min.80
(at 10cm)
直流抵抗
DC resistance
(Ω)
42
voltage
pressure level
typ.88
平均消費電流
Average current
(mA)
max10
駆動周波数
Driving
(Hz)
2,048
動作電圧範囲
Operating
(VDC) 1.1∼1.7※
consumption
frequency
voltage range
★1.5V, 2,048Hz, 1/2 duty, 方形波/★At 1.5V, 2,048Hz, 1/2 duty, square wave
※動作電圧は5V まで使用可能です。詳細はお問い合わせ下さい。/※ Operating voltage of up to 5V can be used. Please consult with us for details.
■外形寸法図/Outline drawing
■周波数特性/ Frequency
characteristics
0.4
5.5
2
2.2
3
φ1.9 放音孔
Sound
output hole
ゲート位置φ1.0
Gate position
ロット表示
Indication of production lot
シリコンゴム
Silicon rubber
(+)Terminal
(+)端子
(
−)Terminal
(−)端子
■外形寸法図/Outline drawing
100
90
80
70
60
50
dB
1k
2k
3k
5kHz 7k 10k
■外形寸法図/Outline drawing
5
0.9
8.5
6
φ2.3 放音孔
Sound output hole
極性表示
Indication of polarity
(+)Terminal
(+)端子
(
−)Terminal
(−)端子
0.3
+
4
4
φ1.7 放音孔
Sound output hole
エポキシ樹脂
Epoxy resin
シリコンゴム
Silicon rubber
単位/Unit:mm
単位/Unit:mm
単位/Unit:mm
100
dB
90
80
70
60
1k
2k
3k
5k Hz 7k
10k
100
90
80
70
60
dB
1k
2k
3k
5k Hz7k
10k


Similar Part No. - CB-12AP-03

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CB-12AP-03 CITIZEN-CB-12AP-03 Datasheet
451Kb / 2P
   Small Magnetic Type Buzzer
CB-12AP-03 CITIZEN-CB-12AP-03 Datasheet
449Kb / 1P
   voltage 5(V),Driving frequency 2700(Hz)
More results

Similar Description - CB-12AP-03

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
PCHMB50B12 NI-PCHMB50B12_15 Datasheet
200Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com