Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CBR1A-020 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CBR1A-020
Description  Bridge Rectifiers, Controlled Avalanche
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CBR1A-020 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CBR1A-020 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*AVALANCHE BREAKDOWN VOLTAGE
VRRM
MIN
MAX
200V
250
700
400V
450
900
600V
650
1100
800V
850
1300
Bridge Rectifiers, Controlled Avalanche*
Single Phase, Full Wave
1.5 to 35 Amperes
200 to 800 Volts
175
www.centralsemi.com
IO (AMPS)
1.5
2.0
3.0
6.0
10
@TA (
oC)
50
55
2.0 @ 25
50
@TC (
oC)
3.0 @ 50
100
100
IFSM (AMPS)
60
50
150
150
CASE
CASE A
CASE C
CASE CM
VRRM (VOLTS)
200
CBR1A-020
CBR2A-020
CBR3A-P020
CBR6A-020
CBR10A-J020
400
CBR1A-040
CBR2A-040
CBR3A-P040
CBR6A-040
CBR10A-J040
600
CBR1A-060
CBR2A-060
CBR3A-P060
CBR6A-060
CBR10A-J060
800
CBR1A-080
CBR2A-080
CBR3A-P080
CBR6A-080
CBR10A-J080
VF MAX @ IF
1.0V @ 1.0A
1.1V @ 2.0A
1.1V @ 1.5A
1.1V @ 3.0A
1.2V @ 5.0A
IR MAX @ VRRM
10
µA10µA10µA10µA10µA


Similar Part No. - CBR1A-020

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CBR1A-020 CENTRAL-CBR1A-020 Datasheet
46Kb / 1P
   SILICON BRIDGE RECTIFIERS
CBR1A-020 CENTRAL-CBR1A-020 Datasheet
195Kb / 3P
   SILICON BRIDDGE RECTIFIERS CONTROLLED AVALANCHE
CBR1A-020 CENTRAL-CBR1A-020_15 Datasheet
46Kb / 1P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - CBR1A-020

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ247M MICROSEMI-VJ247M Datasheet
90Kb / 2P
   CONTROLLED AVALANCHE BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
VJ247M NJSEMI-VJ247M Datasheet
48Kb / 1P
   Controlled Avalanche Bridge Rectifiers
logo
Microsemi Corporation
VJ247M MICROSEMI-VJ247M_10 Datasheet
113Kb / 2P
   Controlled Avalanche Bridge Rectifiers
logo
NXP Semiconductors
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Oct 03
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
   Controlled avalanche rectifiers
1996 Jun 19
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
   Controlled avalanche rectifiers
logo
NXP Semiconductors
BYM56 PHILIPS-BYM56 Datasheet
48Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
BYD11 PHILIPS-BYD11 Datasheet
46Kb / 7P
   Controlled avalanche rectifiers
1996 Sep 26
BYG50 PHILIPS-BYG50 Datasheet
41Kb / 6P
   Controlled avalanche rectifiers
1996 May 24
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com