Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2S701QDGSRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S701QDGSRQ1
Description  Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S701QDGSRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPD2S701QDGSRQ1 Datasheet HTML 1Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 2Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 3Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 4Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 5Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 6Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 7Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 8Page - Texas Instruments TPD2S701QDGSRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Control Logic
D-
D+
FLT
ESD
Clamps
Overvoltage
Protection
VD-
VD+
VPWR
GND
MODE
VREF
EN
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPD2S701-Q1
SLLSEY0 – APRIL 2017
TPD2S701-Q1 Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
1
1 Features
1
AEC-Q100 Qualified
–40°C to +125°C Operating Temperature
Range
Short-to-VBUS Protection on VD+ and VD–
ESD Performance VD+, VD–
±8-kV Contact Discharge (IEC 61000-4-2 and
ISO 10605 330 pF, 330
Ω)
±15-kV Air-Gap Discharge (IEC 61000-4-2 and
ISO 10605 330 pF, 330
Ω)
High Speed Data Switches (1-GHz Bandwidth)
Only Requires 5-V Power Supply
Adjustable OVP Threshold
Fast Overvoltage Response Time (200 ns typical)
Thermal Shutdown Feature
Integrated Input Enable and Fault Output Signal
Flow-through Routing for Data Integrity
10-pin VSSOP Package (3 mm × 3 mm)
10-pin QFN Package (2.5 mm × 2.5 mm)
2 Applications
End Equipment
Head Unit
Rear Seat Entertainment
Telematics
USB Hubs
Navigation Modules
Media Interface
Interfaces
USB 2.0
USB 3.0
3 Description
The TPD2S701-Q1 is a 2-Channel Data Line Short-
to-VBUS and IEC61000-4-2 ESD protection device for
automotive high-speed interfaces like USB 2.0. The
TPD2S701-Q1 contains two data line nFET switches
which ensure safe data communication by providing
best
in
class
bandwidth
for
minimal
signal
degradation
while
simultaneously
protecting
the
internal
system
circuits
from
any
overvoltage
conditions at the VD+ and VD– pins.
On these pins, this device can handle overvoltage
protection up to 7-V DC. This provides sufficient
protection for shorting the data lines to the USB VBUS
rail. The overvoltage protection circuit provides the
most reliable short to VBUS isolation in the industry,
shutting off the data switches in 200 ns and
protecting the upstream circuitry from harmful voltage
and current spikes.
Additionally, the TPD2S701-Q1 only requires a single
power supply of 5 V in order to optimize power tree
size and cost. The OVP threshold and clamping
circuit can be adjusted by a resistor divider network to
provide a simple, cost effective way to optimize
system
protection
for
any
transceiver.
The
TPD2S701-Q1
also
includes
a
FLT
pin
which
provides an indication when the device sees an
overvoltage condition and automatically resets when
the overvoltage condition is removed.
The TPD2S701-Q1 also integrates system level IEC
61000-4-2 and ISO 10605 ESD clamps on the VD+
and VD– pins, thus eliminating the need for external
high voltage, low capacitance TVS clamp circuits in
the application.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPD2S701-Q1
VSSOP (10)
3.00 mm × 3.00 mm
QFN (10)
2.50 mm × 2.50 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Functional Block Diagram


Similar Part No. - TPD2S701QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDGSRQ1 TI1-TPD2S703QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDSKRQ1 TI1-TPD2S703QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
More results

Similar Description - TPD2S701QDGSRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
[Old version datasheet]   USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
logo
ON Semiconductor
NUF6107MN ONSEMI-NUF6107MN Datasheet
64Kb / 3P
   4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection
December, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com