Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPD2S300YFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPD2S300YFFR
Description  USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S300YFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPD2S300YFFR Datasheet HTML 3Page - Texas Instruments TPD2S300YFFR Datasheet HTML 4Page - Texas Instruments TPD2S300YFFR Datasheet HTML 5Page - Texas Instruments TPD2S300YFFR Datasheet HTML 6Page - Texas Instruments TPD2S300YFFR Datasheet HTML 7Page - Texas Instruments TPD2S300YFFR Datasheet HTML 8Page - Texas Instruments TPD2S300YFFR Datasheet HTML 9Page - Texas Instruments TPD2S300YFFR Datasheet HTML 10Page - Texas Instruments TPD2S300YFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
7
TPD2S300
www.ti.com
SLVSDL1 – APRIL 2017
Product Folder Links: TPD2S300
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
POWER-ON AND POWER-OFF TIMINGS
tON
Time from crossing rising VPWR UVLO until CC OVP FETs are on.
VPWR slew rate = 0.347 V/µs
200
µs
dVPWR_OFF/
dt
Minimum slew rate allowed to guarantee CC FETs turn off during a power
off
–0.5
V/µs
OVERVOLTAGE PROTECTION
tOVP_RESPON
SE_CC
OVP response time on the CC pins. Time from OVP asserted until OVP
FETs turn off. Hot-Plug C_CCx to 24 V with a 1-m cable. C_CCx slew rate
= 4 V/ns. Place a 30-Ω on CCx
145
ns
tOVP_RECOVE
RY_CC
OVP recovery time on the CC pins. Time from OVP removal until FET
turns back on.VM = 10.8 V. Step C_CCx down from 6.3 V to 3.3 V at a
0.343-V/µs slew rate
30
µs
tOVP_RECOVE
RY_CC
OVP recovery time on the CC pins. Time from OVP removal until FET
turns back on.VM = 3.3 V. Step C_CCx down from 6.3 V to 0.49 V at a
0.321-V/µs slew rate
200
µs
tOVP_FLT_ASS
ERTION
Time from OVP asserted to FLT assertion.FLT assertion is when the FLT
pin reaches 10% of its starting value. C_CCx from 0 V to 6.3 V at a 0.645-
V/µs slew rate
1
µs
tOVP_FLT_DE
ASSERTION
Time from OVP removal to FLT deassertion. FLT deassertion is when the
FLT pin reaches 90% of its final value. C_CCx from 6.3 V to 0 V at a
0.696-V/µs slew rate
20
µs


Similar Part No. - TPD2S300YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD2S017 TI-TPD2S017 Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017 TI1-TPD2S017 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI-TPD2S017DBVR Datasheet
424Kb / 10P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
TPD2S017DBVR TI1-TPD2S017DBVR Datasheet
929Kb / 16P
[Old version datasheet]   2-Channel Ultra-Low Clamp Voltage ESD Solution
TPD2S017 TI1-TPD2S017_14 Datasheet
802Kb / 12P
[Old version datasheet]   2-CHANNEL ULTRA-LOW CLAMP VOLTAGE ESD SOLUTION WITH SERIES-RESISTOR ISOLATION
More results

Similar Description - TPD2S300YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Kinetic Technologies.
KTU1108 KINETIC-KTU1108 Datasheet
576Kb / 12P
   USB Type-C Protector for CC Pins
July 2020 - Revision 04c
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
   USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com