Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TP5088 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. TP5088
Description  TP5088 DTMF Generator for Binary Data
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

TP5088 Datasheet(HTML) 4 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TABLE II Functional Truth Table
Keyboard
Data Inputs
TONE
TONES OUT
MUTE
Equivalent
D3
D2
D1
D0
ENABLE
fL (Hz)
fH(Hz)
X
XXXX
0
0V
0V
0V
1
0001
L
697
1209
OC
2
0010
L
697
1336
OC
3
0011
L
697
1477
OC
4
0100
L
770
1209
OC
5
0101
L
770
1336
OC
6
0110
L
770
1477
OC
7
0111
L
852
1209
OC
8
1000
L
852
1336
OC
9
1001
L
852
1477
OC
0
1010
L
941
1336
OC
1011
L
941
1209
OC
1100
L
941
1477
OC
A
1101
L
697
1633
OC
B
1110
L
770
1633
OC
C
1111
L
852
1633
OC
D
0000
L
941
1633
OC
Timing Diagram
TLH5004 – 3
FIGURE 2
Typical Application
TLH5004 – 4
Adjust RE for desired tone amplitude
FIGURE 3
4


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EFG71891DTMF GENERATOR FOR BINARY CODED HEXADECIMAL DATA 1 2 3 4 5 MoreSTMicroelectronics
TP53130DTMF TOUCH TONE GENERATOR WITH BINARY DATA AND KEYPAD INTERFACE 1 2 3 4 5 National Semiconductor (TI)
KS58015DTMF DIALER FOR BINARY DATA-IN 1 2 3 4 Samsung semiconductor
S5T0167DTMF DIALER FOR BINARY DATA-IN 1 2 3 4 5 MoreSamsung semiconductor
LC7365NDTMF Tone Generator for Pushbutton Telephone 1 2 3 4 5 MoreSanyo Semicon Device
LC7365NMDTMF Tone Generator for Pushbutton Telephone  1 2 3 4 5 MoreSanyo Semicon Device
LA5311MVariable Drivided Voltage Generator for LCD 1 2 Sanyo Semicon Device
M54610P8-BIT PARALLEL DATA INTERFACE FOR PRINTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SM6453AB3-wire Serial Data Volume Control for Headphone Amplifiers IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
LC89583Data Encoder for CD-WO and CD-MO 1 2 3 4 5 MoreSanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn