Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TP5088 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. TP5088
Description  TP5088 DTMF Generator for Binary Data
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

TP5088 Datasheet(HTML) 3 Page - National Semiconductor (TI)

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Connection Diagram
Dual-In-Line Package
TLH5004 – 2
Top View
Order Number TP5088WM or TP5088N
See NS Package M14B or N14A
Functional Description
With the TONE ENABLE pin pulled low the device is in a
low power idle mode with the oscillator inhibited and the
output transistor turned off Data on inputs D0 – D3 is ig-
nored until a rising transition on TONE ENABLE Data meet-
ing the timing specifications is latched in the oscillator and
output stage are enabled and tone generation begins The
decoded data sets the high group and low group program-
mable counters to the appropriate divide ratios These
counters sequence two ratioed-capacitor DA converters
through a series of 28 equal duration steps per sine wave
cycle On-chip regulators ensure good stability of tone am-
plitudes with variations in supply voltage and temperature
The two tones are summed by a mixer amplifier with pre-
emphasis applied to the high group tone The output is an
NPN emitter-follower requiring the addition of an external
load resistor to VSS
Table I shows the accuracies of the tone output frequencies
and Table II is the Functional Truth Table
TABLE I Output Frequency Accuracy
Tone
Standard
Tone Output
% Deviation
Group
DTMF (Hz)
Frequency
from Standard
Low
697
6948
b
032
Group
770
7701
a
002
fL
852
8524
a
003
941
9400
b
011
High
1209
12060
b
024
Group
1336
13317
b
032
fH
1477
14865
a
064
1633
16390
a
037
Pin Descriptions
VDD (Pin 1) This is the positive supply to the device refer-
enced to VSS The collector of the TONE OUT transistor is
also connected to this pin
VSS (Pin 5) This is the negative voltage supply All voltages
are referenced to this pin
OSC IN OSC OUT (Pins 6 and 7)
All tone generation tim-
ing is derived from the on-chip oscillator circuit A low-cost
3579545 MHz A-cut crystal (NTSC TV color-burst) is need-
ed between pins 6 and 7 Load capacitors and a feedback
resistor are included on-chip for good start-up and stability
The oscillator is stopped when the TONE ENABLE input is
pulled to logic low
TONE ENABLE Input (Pin 2)
This input has an internal
pull-up resistor When TONE ENABLE is pulled to logic low
the oscillator is inhibited and the tone generators and output
transistor are turned off A low to high transition on TONE
ENABLE latches in data from D0 – D3 The oscillator starts
and tone generation continues until TONE ENABLE is
pulled low again
MUTE (Pin 8)
This output is an open-drain N-channel de-
vice that sinks current to VSS when TONE ENABLE is low
and no tones are being generated The device turns off
when TONE ENABLE is high
D0 D1 D2 D3 (Pins 9 10 11 12)
These are the inputs for
binary-coded data which is latched in on the rising edge of
TONE ENABLE Data must meet the timing specifications of
Figure 2 At all other times these inputs are ignored and may
be multiplexed with other system functions
TONE OUT (Pin 14)
This output is the open emitter of an
NPN transistor the collector of which is connected internal-
ly to VDD When an external load resistor is connected from
TONE OUT to VSS the output voltage on this pin is the sum
of the high and low group tones superimposed on a DC
offset When not generating tones this output transistor is
turned off to minimize the device idle current
SINGLE TONE ENABLE (Pin 3)
This input has an internal
pull-up resistor When pulled to VSS the device is in single
tone mode and only a single tone will be generated at pin 14
(for testing purposes) For normal operation leave this pin
open-circuit or pull to VDD
GROUP SELECT (Pin 4)
This pin is used to select the high
group or low group frequency when the device is in single
tone mode It has an internal pull-up resistor Leaving this
pin open-circuit or pulling it to VDD will generate the high
group while pulling to VSS will generate the low group fre-
quency at the TONE OUT pin
3


Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
EFG71891DTMF GENERATOR FOR BINARY CODED HEXADECIMAL DATA 1 2 3 4 5 MoreSTMicroelectronics
TP53130DTMF TOUCH TONE GENERATOR WITH BINARY DATA AND KEYPAD INTERFACE 1 2 3 4 5 National Semiconductor (TI)
KS58015DTMF DIALER FOR BINARY DATA-IN 1 2 3 4 Samsung semiconductor
S5T0167DTMF DIALER FOR BINARY DATA-IN 1 2 3 4 5 MoreSamsung semiconductor
LC7365NDTMF Tone Generator for Pushbutton Telephone 1 2 3 4 5 MoreSanyo Semicon Device
LC7365NMDTMF Tone Generator for Pushbutton Telephone  1 2 3 4 5 MoreSanyo Semicon Device
LA5311MVariable Drivided Voltage Generator for LCD 1 2 Sanyo Semicon Device
M54610P8-BIT PARALLEL DATA INTERFACE FOR PRINTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
SM6453AB3-wire Serial Data Volume Control for Headphone Amplifiers IC 1 2 3 4 5 MoreNippon Precision Circuits Inc
LC89583Data Encoder for CD-WO and CD-MO 1 2 3 4 5 MoreSanyo Semicon Device

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn